Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP-2000
Description  High thermal conductivity: 3.5 W/m-K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP-2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sil-Pad® 2000 is a high performance,
thermally conductive insulator designed
for demanding aerospace and
commercial applications.
Sil-Pad® 2000 is a silicone elastomer
formulated to maximize the thermal and
dielectric performance of the filler/binder
matrix. The result is a grease-free,
conformable material capable of meeting
or exceeding the thermal and electrical
requirements of high-reliability electronic
packaging applications.
Note: To build a part number, visit our
website at www.bergquistcompany.com.
Sil-Pad® 2000
TYPICAL APPLICATIONS INCLUDE
• Power supplies
• Motor controls
• Power semiconductors
• Aerospace
• Avionics
CONFIGURATIONS AVAILABLE
• Sheet form, die-cut parts
• With or without pressure sensitive adhesive
PDS_SP_2000_0415
FEATURES AND BENEFITS
• Thermal impedance: 0.33°C-in2/W
(@50 psi)
• Optimal heat transfer
• High thermal conductivity: 3.5 W/m-K
PRODUCT DESCRIPTION
Higher Performance,
High Reliability Insulator
April 2015
PROPERTY
IMPERIAL VALUE
METRIC VALUE
TEST METHOD
Color
White
White
Visual
Reinforcement Carrier
Fiberglass
Fiberglass
—
Thickness (inch) / (mm)
0.010 to 0.020
0.254 to 0.508
ASTM D374
Hardness (Shore A)
90
90
ASTM D2240
Continuous Use Temp (°F) / (°C)
-76 to 392
-60 to 200
—
ELECTRICAL
Dielectric Breakdown Voltage (Vac)
4000
4000
ASTM D149
Dielectric Constant (1000 Hz)
4.0
4.0
ASTM D150
Volume Resistivity (Ohm-meter)
1011
1011
ASTM D257
Flame Rating
V-O
V-O
U.L.94
THERMAL
Thermal Conductivity (W/m-K)
3.5
3.5
ASTM D5470
THERMAL PERFORMANCE vs PRESSURE
Pressure (psi)
10
25
50
100
200
TO-220 Thermal Performance (°C/W) 0.010''
2.61
2.32
2.02
1.65
1.37
Thermal Impedance (°C-in2/W) 0.010'' (1)
0.57
0.43
0.33
0.25
0.20
1) The ASTM D5470 test fixture was used. The recorded value includes interfacial thermal resistance. These
values are provided for reference only. Actual application performance is directly related to the surface roughness, flatness and
pressure applied.
TYPICAL PROPERTIES OF SIL-PAD 2000


Similar Part No. - SP-2000

ManufacturerPart #DatasheetDescription
logo
COTEK ELECTRONIC IND. C...
SP-2000 COTEK-SP-2000 Datasheet
129Kb / 2P
2000W Pure Sine Wave Inverter
20/10/21
SP-2000-112 COTEK-SP-2000-112 Datasheet
129Kb / 2P
2000W Pure Sine Wave Inverter
20/10/21
SP-2000-124 COTEK-SP-2000-124 Datasheet
129Kb / 2P
2000W Pure Sine Wave Inverter
20/10/21
SP-2000-148 COTEK-SP-2000-148 Datasheet
129Kb / 2P
2000W Pure Sine Wave Inverter
20/10/21
SP-2000-212 COTEK-SP-2000-212 Datasheet
129Kb / 2P
2000W Pure Sine Wave Inverter
20/10/21
More results

Similar Description - SP-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP-3500ULM ETC2-GP-3500ULM Datasheet
368Kb / 2P
Thermal Conductivity: 3.5 W/m-K
GP-5000S35 ETC2-GP-5000S35 Datasheet
505Kb / 2P
High thermal conductivity: 5.0 W/m-K
GP-A2000 ETC2-GP-A2000 Datasheet
366Kb / 2P
Thermal conductivity: 2.0 W/m-K
GP-A3000 ETC2-GP-A3000 Datasheet
480Kb / 2P
Thermal conductivity: 2.6 W/m-K
GP-EMI1.0 ETC2-GP-EMI1.0 Datasheet
589Kb / 2P
Thermal Conductivity: 1.0 W/m-K
GP-HC3.0 ETC2-GP-HC3.0 Datasheet
441Kb / 2P
Thermal Conductivity: 3.0 W/m-K
GP-HC1000 ETC2-GP-HC1000 Datasheet
482Kb / 2P
Thermal conductivity: 1.0 W/m-K
GP-VO ETC2-GP-VO Datasheet
439Kb / 2P
Thermal conductivity: 0.8 W/m-K
GP-VOSOFT ETC2-GP-VOSOFT Datasheet
475Kb / 2P
Thermal conductivity: 0.8 W/m-K
SP-A2000 ETC2-SP-A2000 Datasheet
396Kb / 2P
High thermal conductivity: 3.0 W/m-K
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com