Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR172ADP Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SIR172ADP
Description  N-Channel 30 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR172ADP Datasheet(HTML) 2 Page - Vishay Telefunken

  SIR172ADP Datasheet HTML 1Page - Vishay Telefunken SIR172ADP Datasheet HTML 2Page - Vishay Telefunken SIR172ADP Datasheet HTML 3Page - Vishay Telefunken SIR172ADP Datasheet HTML 4Page - Vishay Telefunken SIR172ADP Datasheet HTML 5Page - Vishay Telefunken SIR172ADP Datasheet HTML 6Page - Vishay Telefunken SIR172ADP Datasheet HTML 7Page - Vishay Telefunken SIR172ADP Datasheet HTML 8Page - Vishay Telefunken SIR172ADP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 62609
S12-2052-Rev.B, 27-Aug-12
Vishay Siliconix
SiR172ADP
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
28
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 4.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.2
2.4
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 10 A
0.0070
0.0085
VGS = 4.5 V, ID = 7 A
0.0085
0.0105
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
60
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
1515
pF
Output Capacitance
Coss
202
Reverse Transfer Capacitance
Crss
142
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 10 A
29
44
nC
VDS = 15 V, VGS = 4.5 V, ID = 10 A
12.8
20
Gate-Source Charge
Qgs
3.8
Gate-Drain Charge
Qgd
4.1
Gate Resistance
Rg
f = 1 MHz
0.2
1.2
2.4
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 4.5 V, Rg = 1 
18
36
ns
Rise Time
tr
23
45
Turn-Off Delay Time
td(off)
22
45
Fall Time
tf
11
22
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 10 V, Rg = 1 
12
24
Rise Time
tr
14
28
Turn-Off Delay Time
td(off)
22
44
Fall Time
tf
816
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
24
A
Pulse Diode Forward Currenta
ISM
60
Body Diode Voltage
VSD
IS = 5 A
0.75
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 5 A, dI/dt = 100 A/µs, TJ = 25 °C
15
30
ns
Body Diode Reverse Recovery Charge
Qrr
714
nC
Reverse Recovery Fall Time
ta
8
ns
Reverse Recovery Rise Time
tb
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com