Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR862DP Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SIR862DP
Description  N-Channel 25-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR862DP Datasheet(HTML) 2 Page - Vishay Telefunken

  SIR862DP Datasheet HTML 1Page - Vishay Telefunken SIR862DP Datasheet HTML 2Page - Vishay Telefunken SIR862DP Datasheet HTML 3Page - Vishay Telefunken SIR862DP Datasheet HTML 4Page - Vishay Telefunken SIR862DP Datasheet HTML 5Page - Vishay Telefunken SIR862DP Datasheet HTML 6Page - Vishay Telefunken SIR862DP Datasheet HTML 7Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 65672
S10-0041-Rev. A, 11-Jan-10
Vishay Siliconix
SiR862DP
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
25
V
VDS Temperature Coefficient
ΔVDS/TJ
ID = 250 µA
25
mV/°C
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
- 5.8
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
1.2
2.3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 25 V, VGS = 0 V
1
µA
VDS = 25 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 15 A
0.0023
0.0028
Ω
VGS = 4.5 V, ID = 10 A
0.0028
0.0035
Forward Transconductancea
gfs
VDS = 10 V, ID = 15 A
80
S
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
3800
pF
Output Capacitance
Coss
890
Reverse Transfer Capacitance
Crss
344
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 10 A
60
90
nC
VDS = 15 V, VGS = 4.5 V, ID = 10 A
28.4
43
Gate-Source Charge
Qgs
9.3
Gate-Drain Charge
Qgd
7.0
Gate Resistance
Rg
f = 1 MHz
0.2
1.1
2.2
Ω
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 10 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
28
55
ns
Rise Time
tr
16
30
Turn-Off Delay Time
td(off)
39
75
Fall Time
tf
17
34
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 10 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
12
24
Rise Time
tr
918
Turn-Off Delay Time
td(off)
33
65
Fall Time
tf
918
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
50
A
Pulse Diode Forward Currenta
ISM
70
Body Diode Voltage
VSD
IS = 5 A
0.72
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
31
60
ns
Body Diode Reverse Recovery Charge
Qrr
22
42
nC
Reverse Recovery Fall Time
ta
15
ns
Reverse Recovery Rise Time
tb
16



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com