Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2111 Datasheet(PDF) 21 Page - Micro Linear Corporation

Part # ML2111
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111 Datasheet(HTML) 21 Page - Micro Linear Corporation

Back Button ML2111 Datasheet HTML 17Page - Micro Linear Corporation ML2111 Datasheet HTML 18Page - Micro Linear Corporation ML2111 Datasheet HTML 19Page - Micro Linear Corporation ML2111 Datasheet HTML 20Page - Micro Linear Corporation ML2111 Datasheet HTML 21Page - Micro Linear Corporation ML2111 Datasheet HTML 22Page - Micro Linear Corporation ML2111 Datasheet HTML 23Page - Micro Linear Corporation ML2111 Datasheet HTML 24Page - Micro Linear Corporation ML2111 Datasheet HTML 25Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ML2111
21
Figure 32. Cascasding 2 Sections Connected in Mode 1, each with Q = 10, to obtain a Bandpass Filter with Q = 15.5,
and f0 = 150kHz (fCLK = 7.5MHz).
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LPA
BPA
HPA
INVA
S1A
SA/B
VA+
VD+
LSh
CLKA
LPB
BPB
HPB
INVB
S1B
AGND
VA-
VD-
50/100
CLKB
R31
R21
R32
R22
VIN
1Vp-p
5V
Clock 5MHz
5V
-5V
VOUT
1% RESISTOR VALUES
R21 = 3746
Ω
R31 = 2003
Ω
R22 = 1996
Ω
R32 = 2604
Ω
Q1 = 0.541
Q2 = 1.302
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LPA
BPA
HPA
INVA
S1A
SA/B
VA+
VD+
LSh
CLKA
LPB
BPB
HPB
INVB
S1B
AGND
VA-
VD-
50/100
CLKB
R31
R21
R32
R22
VIN
2.82Vp-p
(1VRMS)
5V
Clock 7.5MHz
5V
-5V
VOUT
RESISTOR VALUES
R11 = 20k
Ω
R21 = 2k
Ω
R31 = 20k
Ω
R12 = 20k
Ω
R22 = 2k
Ω
R32 = 20k
Ω
R11
R12
Q1 = Q2 = 10
Figure 31. 4th Order, 100kHz Lowpass Butterworth Filter Obtained by Cascading Two Sections in Mode 1a.
0
–10
–20
–30
–40
–50
–60
–70
–80
FREQUENCY (Hz)
10k
100k
1M
101,777Hz
–3.058dB
0
–10
–20
–30
–40
–50
–60
–70
–80
FREQUENCY (Hz)
10k
100k
1M
149,871Hz
–0.31dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com