Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2037IP Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML2037IP
Description  500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2037IP Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML2037IP Datasheet HTML 2Page - Micro Linear Corporation ML2037IP Datasheet HTML 3Page - Micro Linear Corporation ML2037IP Datasheet HTML 4Page - Micro Linear Corporation ML2037IP Datasheet HTML 5Page - Micro Linear Corporation ML2037IP Datasheet HTML 6Page - Micro Linear Corporation ML2037IP Datasheet HTML 7Page - Micro Linear Corporation ML2037IP Datasheet HTML 8Page - Micro Linear Corporation ML2037IP Datasheet HTML 9Page - Micro Linear Corporation ML2037IP Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ML2037
7
microprocessor crystals meet the above requirements, but
it is recommended to test the selected crystal in circuit to
insure proper operation. Suitable crystals can be
purchased from the following suppliers:
ECS, Inc.
FOX Electronics
M-TRON Industries
An external clock can drive CLK IN directly if desired.
The frequency of this clock can be anything from 0 to
32MHz. However, at clock frequencies below 5MHz, the
sine wave output begins to exhibit "staircasing".
The ML2037 has a clock output that can be used to drive
other external devices. The CLK OUT output is a buffered
output from the oscillator which runs at one half the
frequency of CLK IN.
SERIAL DIGITAL INTERFACE
The digital interface consists of a shift register and data
latch. The serial 16-bit data word on S DATA IN is clocked
into a 16-bit shift register on falling edges of the serial
shift clock, S CLK. The LSB should be shifted in first and
the MSB last as shown in Timing Diagram 1. The data that
has been shifted into the shift register is loaded into a 16-
bit data latch on the falling edge of S ENABLE. To insure
that true data is loaded into the data latch from the shift
register, the S ENABLE falling edge should occur before
the S CLK transitions high to low. S ENABLE should be
high while shifting data into the shift register. Note that
all data is entered and latched on edges, not levels, of S
CLK and S ENABLE.
Upon power up, the data in the latch is indeterminate. It
is therefore recommended to initialize the frequency data
as part of a power up routine.
FUNCTIONAL DESCRIPTION (Continued)
SYNCHRONIZATION
When the SYNC pin is held high, the sine wave generator
operates normally. Pulling this pin low causes the sine
wave output to be interrupted and resets the phase back
to zero. The sine wave output goes to the 2.5V DC level
approximately 1µs after the SYNC input goes low.
Switching the SYNC pin back to a high level starts the
sine wave going again from zero phase. The delay from
when the SYNC goes high to the start of the sine wave is
about 500ns, as shown in Figure 2. If several generator
chips are driven from the same clock, the SYNC input
allows them to be phase synchronized to any value.
Figure 3 gives an example of how a microcontroller can
be used with two ML2037s to generate two sine waves
that are 90º out of phase.
SHUTDOWN
The SHDN input provides a means to power down the
analog section and the internal clock of the sine wave
generator. When in the power down mode the part will
draw only 10µA of input current and the output will go to
zero approximately 500ns after the SHDN pin goes high.
Switching the SHDN back to a low level allows the sine
wave to resume at the last programmed frequency. The
delay from when the SHDN goes low to when the sine
wave resumes is about 200µs. The use of the power down
mode allows power management for portable applications
or for gating the internal oscillator for low noise
applications.
POWER SUPPLIES
The analog circuitry in the device is powered from 5V
(AVCC) and is referenced to AGND. The digital circuits in
the device can also powered from the same 5V supply
(DVCC to DGND). It is recommended that AGND and
DGND be connected together close to the device and
have a good connection back to the power source.
It is recommended that the power supplies to the device
should be bypassed by placing decoupling capacitors
from AVCC to AGND and DVCC to DGND as physically
close to the device as possible.
Figure 2. SYNC Pin Timing.
1 µs
SNYC
500ns
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com