Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2280BIP Datasheet(PDF) 17 Page - Micro Linear Corporation

Part # ML2280BIP
Description  Serial I/O 8-Bit A/D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2280BIP Datasheet(HTML) 17 Page - Micro Linear Corporation

Back Button ML2280BIP Datasheet HTML 12Page - Micro Linear Corporation ML2280BIP Datasheet HTML 13Page - Micro Linear Corporation ML2280BIP Datasheet HTML 14Page - Micro Linear Corporation ML2280BIP Datasheet HTML 15Page - Micro Linear Corporation ML2280BIP Datasheet HTML 16Page - Micro Linear Corporation ML2280BIP Datasheet HTML 17Page - Micro Linear Corporation ML2280BIP Datasheet HTML 18Page - Micro Linear Corporation ML2280BIP Datasheet HTML 19Page - Micro Linear Corporation ML2280BIP Datasheet HTML 20Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ML2280, ML2283
17
Span Adjust: 0V - VIN - 3V
10k
Ω
FS
ADJ.
1k
Ω
VCC
(5VDC)
+
+
10
µF
2k
Ω
300
Ω
1.2V
VIN (+)
VIN
VCC
VREF/2
ML2280
+
1
µF SET FOR 1.5V
VIN (–)
APPLICATIONS (Continued)
10k
Ω
FS
ADJ.
VCC
(5VDC)
+
+
10
µF
1.2k
Ω
VIN (+)
VIN
VCC
VREF/2
ML2280
+
1
µF
1k
Ω
1.5
1.2V
1k
Ω
2VDC
ZERO ADJ.
SETS ZERO
CODE VOLTAGE
SETS
VOLTAGE SPAN
2.7k
Ω
330
Ω
VIN (–)
330
Ω
Zero-Shift and Span Adjust: 2V - VIN - 5V
VCC
ML2280
GND
+IN
–IN
330
Ω
6.8k
Ω
1.3k
Ω
1k
Ω
GAIN
10k
Ω
1M
Ω
20k
Ω
10V
20k
Ω
10k
Ω
OFFSET
DUAL
5.1V
10V
STRAIN GUAGE
LOAD CELL
300
Ω/30mV FS
DUAL
VREF/2
DO
CS
CLK
• USES ONE MORE WIRE THAN LOAD CELL ITSELF
• TWO MINI-DIPs COULD BE MOUNTED INSIDE
LOAD CELL FOR DIGITAL OUTPUT TRANSDUCER
• ELECTRONIC OFFSET AND GAIN TRIMS RELAX
MECHANICAL SPECS FOR GUAGE FACTOR AND OFFSET
• LOW LEVEL CELL OUTPUT IS CONVERTED IMMEDIATELY
FOR HIGH NOISE IMMUNITY
+
–
+
–
1M
Ω
Digital Load Cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com