Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2281CCP Datasheet(PDF) 15 Page - Micro Linear Corporation

Part # ML2281CCP
Description  Serial I/O 8-Bit A/D Converters with Multiplexer Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2281CCP Datasheet(HTML) 15 Page - Micro Linear Corporation

Back Button ML2281CCP Datasheet HTML 11Page - Micro Linear Corporation ML2281CCP Datasheet HTML 12Page - Micro Linear Corporation ML2281CCP Datasheet HTML 13Page - Micro Linear Corporation ML2281CCP Datasheet HTML 14Page - Micro Linear Corporation ML2281CCP Datasheet HTML 15Page - Micro Linear Corporation ML2281CCP Datasheet HTML 16Page - Micro Linear Corporation ML2281CCP Datasheet HTML 17Page - Micro Linear Corporation ML2281CCP Datasheet HTML 18Page - Micro Linear Corporation ML2281CCP Datasheet HTML 19Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
ML2281, ML2282, ML2284, ML2288
15
ZERO ERROR ADJUSTMENT
The zero of the A/D does not require adjustment. If the
minimum analog input voltage value, VIN MIN is not ground,
a zero offset can be done. The converter can be made to
output 00000000 digital code for this minimum input
voltage by biasing any VIN– input at this VIN MIN value.
This utilizes the differential mode operation of the A/D.
The zero error of the A/D converter relates to the location
of the first riser of the transfer function and can be
measured by grounding the VIN– input and applying a
small magnitude positive voltage to the VIN+ input. Zero
error is the difference between the actual DC input
voltage which is necessary to just cause an output digital
code transition from 00000000 to 00000001 and the ideal
1/2 LSB value (1/2 LSB = 9.8mV for VREF = 5.000VDC).
FULL-SCALE ADJUSTMENT
The full-scale adjustment can be made by applying a
differential input voltage which is 1-1/2 LSB down from
the desired analog full-scale voltage range and then
adjusting the magnitude of the VREF input or VCC for a
digital output code which is just changing from 11111110
to 11111111.
ADJUSTMENT FOR AN ARBITRARY ANALOG
INPUT VOLTAGE RANGE
If the analog zero voltage of the A/D is shifted away from
ground (for example, to accommodate an analog input
signal which does not go to ground), this new zero
reference should be properly adjusted first. A VIN+ voltage
which equals this desired zero reference plus 1/2 LSB
CURRENT LIMITING
RESISTOR, I+
≤15mA
12V
VCC
V+
GND
I +
→
28.8k
3.2k
3.2k
Figure 8. Shunt Regulator
I+
15mA
V+
5.5V
SLOPE =
6.9V
1
35k
Figure 9. I-V Characteristic of the Shunt Regulator
(where the LSB is calculated for the desired analog span,
1 LSB = analog span/256) is applied to selected “+” input
and the zero reference voltage at the corresponding “–”
input should then be adjusted to just obtain the 00000000
to 00000001 code transition.
The full-scale adjustment should be made by forcing a
voltage to the VIN+ input which is given be:
V
fs adjust
V
VV
IN
MAX
MAX
MIN
+=
−
×
−


15
256
.
()
where
VMAX = high end of the analog input range
VMIN = low end (offset zero) of the analog range
The VREF or VCC voltage is then adjusted to provide a
code change from 11111110 to 11111111.
SHUNT REGULATOR
A unique feature of ML2288 and ML2284 is the inclusion
of a shunt regulator connected from V+ terminal to
ground which also connects to the VCC terminal (which is
the actual converter supply) through a silicon diode as
shown in Figure 8. When the regulator is turned on, the
V+ voltage is clamped at 11VBE set by the internal resistor
ratio. The typical I-V of the shunt regulator is shown in
Figure 9. It should be noted that before V+ voltage is high
enough to turn on the shunt regulator (which occurs at
about 5.5V), 35k
W resistance is observed between V+ and
GND. When the shunt regulator is not used, V+ pin
should be either left floating or tied to GND. The
temperature coefficient of the regulator is –22mV/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com