Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2280CCP Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML2280CCP
Description  Serial I/O 8-Bit A/D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2280CCP Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML2280CCP Datasheet HTML 6Page - Micro Linear Corporation ML2280CCP Datasheet HTML 7Page - Micro Linear Corporation ML2280CCP Datasheet HTML 8Page - Micro Linear Corporation ML2280CCP Datasheet HTML 9Page - Micro Linear Corporation ML2280CCP Datasheet HTML 10Page - Micro Linear Corporation ML2280CCP Datasheet HTML 11Page - Micro Linear Corporation ML2280CCP Datasheet HTML 12Page - Micro Linear Corporation ML2280CCP Datasheet HTML 13Page - Micro Linear Corporation ML2280CCP Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ML2280, ML2283
10
Figure 7. Analog Input Multiplexer Functional Options
for ML2288
FUNCTIONAL DESCRIPTION
MULTIPLEXER ADDRESSING
The design of these converters utilizes a sample data
comparator structure which provides for a differential analog
input to be converted by a successive approximation routine.
The actual voltage converted is always the difference
between an assigned “+” input terminal and a “–” input
terminal. The polarity of each input terminal of the pair being
converted indicates which line the converter expects to be
the most positive. If the assigned “+” input is less than the “–”
input, the converter responds with an all zeros output code.
A unique input multiplexing scheme has been utilized
to provide multiple analog channels with software
configurable single ended, differential, or pseudo
differential options.
A particular input configuration is assigned during the
MUX addressing sequence, prior to the start of a
conversion. The MUX address selects which of the analog
inputs are to be enabled and whether this input is single
ended or differential. In the differential case, it also assigns
the polarity of the analog channels. Differential inputs are
restricted to adjacent channel pairs. For example, channel
0 and channel 1 may be selected as a different pair but
channel 0 or channel 1 cannot act differentially with any
other channel. In addition to selecting the differential
mode, the sign may also be selected. Channel 0 may be
selected as the positive input and channel 1 as the
negative input or vice versa. This programmability is
illustrated by the MUX addressing codes shown in Table 1.
The MUX address is shifted into the converter via the DI
input. Since the ML2280 contains only one differential
input channel with a fixed polarity assignment, it does not
require addressing.
Since the input configuration is under software control, it
can be modified, as required, at each conversion. A
channel can be treated as a single-ended, ground
referenced input for one conversion; then it can be
reconfigured as part of a differential channel for another
conversion. Figure 7 illustrates these different input modes.
DIGITAL INTERFACE
The block diagram and timing diagrams in Figures 2-5
illustrate how a conversion sequence is performed.
A conversion is initiated when CS is pulsed low. This line
must me held low for the entire conversion. The converter is
now waiting for a start bit and its MUX assignment word.
A clock is applied to the CLK input. On each rising edge
of the clock, the data on DI is clocked into the MUX
address shift register. The start bit is the first logic “1” that
appears on the DI input (all leading edge zeros are
ignored). After the start bit, the device clocks in the next 2
to 4 bits for the MUX assignment word.
MUX ADDRESS
CHANNEL#
SGL/ ODD/
SELECT
DIF
SIGN
1
0123
00
0
+
–
00
1
+
–
01
0
–
+
01
1
–
+
DIFFERENTIAL MUX MODE
COM is internally tied to AGND
Table 1. ML2283 MUX Addressing 4 Single-Ended
or 2 Differential Channel
MUX ADDRESS
CHANNEL#
SGL/ ODD/
SELECT
DIF
SIGN
1
0123
10
0
+
10
1
+
11
0
+
11
1
+
SINGLE-ENDED MUX MODE
0
1
2
3
+
+
+
+
AGND
4 Single-Ended
0, 1
2, 3
+ (–)
– (+)
+ (–)
– (+)
2 Differential
2
3
+
-
+
+
AGND
0, 1
Mixed Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com