Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2280CCS Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML2280CCS
Description  Serial I/O 8-Bit A/D Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2280CCS Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML2280CCS Datasheet HTML 9Page - Micro Linear Corporation ML2280CCS Datasheet HTML 10Page - Micro Linear Corporation ML2280CCS Datasheet HTML 11Page - Micro Linear Corporation ML2280CCS Datasheet HTML 12Page - Micro Linear Corporation ML2280CCS Datasheet HTML 13Page - Micro Linear Corporation ML2280CCS Datasheet HTML 14Page - Micro Linear Corporation ML2280CCS Datasheet HTML 15Page - Micro Linear Corporation ML2280CCS Datasheet HTML 16Page - Micro Linear Corporation ML2280CCS Datasheet HTML 17Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ML2280, ML2283
13
CURRENT LIMITING
RESISTOR, I+
≤15mA
12V
VCC
V+
GND
I +
→
28.8k
Ω
3.2k
Ω
3.2k
Ω
I+
15mA
V+
5.5V
SLOPE =
6.9V
1
35k
Ω
Figure 10. I-V Characteristic of the Shunt Regulator
SHUNT REGULATOR
A unique feature of the ML2283 is the inclusion of a shunt
regulator connected from V+ terminal to ground which
also connects to the VCC terminal (which is the actual
converter supply) through a silicon diode as shown in
Figure 8. When the regulator is turned on, the V+ voltage
is clamped at 11VBE set by the internal resistor ratio. The
typical I-V of the shunt regulator is shown in Figure 9.
Figure 9. Shunt Regulator
It should be noted that before V+ voltage is high enough
to turn on the shunt regulator (which occurs at about
5.5V), 35k
W resistance is observed between V+ and GND.
When the shunt regulator is not used, V+ pin should be
either left floating or tied to GND. The temperature
coefficient of the regulator is –22mV/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com