Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2282BCS Datasheet(PDF) 18 Page - Micro Linear Corporation

Part # ML2282BCS
Description  Serial I/O 8-Bit A/D Converters with Multiplexer Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2282BCS Datasheet(HTML) 18 Page - Micro Linear Corporation

Back Button ML2282BCS Datasheet HTML 14Page - Micro Linear Corporation ML2282BCS Datasheet HTML 15Page - Micro Linear Corporation ML2282BCS Datasheet HTML 16Page - Micro Linear Corporation ML2282BCS Datasheet HTML 17Page - Micro Linear Corporation ML2282BCS Datasheet HTML 18Page - Micro Linear Corporation ML2282BCS Datasheet HTML 19Page - Micro Linear Corporation ML2282BCS Datasheet HTML 20Page - Micro Linear Corporation ML2282BCS Datasheet HTML 21Page - Micro Linear Corporation ML2282BCS Datasheet HTML 22Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ML2281, ML2282, ML2284, ML2288
18
3k
Ω
+
10
µF
ML2281
LM335
TA
VIN (–)
VIN (+)
VCC
VCC
(5 VDC)
VREF
10k
Ω
TA MIN
ADJ.
10k
Ω
TA MAX
ADJ.
Low-Cost Remote Temperature Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com