Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2350CCS/12 Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML2350CCS/12
Description  Single Supply, Programmable 8-Bit D/A Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2350CCS/12 Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML2350CCS/12 Datasheet HTML 4Page - Micro Linear Corporation ML2350CCS/12 Datasheet HTML 5Page - Micro Linear Corporation ML2350CCS/12 Datasheet HTML 6Page - Micro Linear Corporation ML2350CCS/12 Datasheet HTML 7Page - Micro Linear Corporation ML2350CCS/12 Datasheet HTML 8Page - Micro Linear Corporation ML2350CCS/12 Datasheet HTML 9Page - Micro Linear Corporation ML2350CCS/12 Datasheet HTML 10Page - Micro Linear Corporation ML2350CCS/12 Datasheet HTML 11Page - Micro Linear Corporation ML2350CCS/12 Datasheet HTML 12Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ML2340, ML2350
10
+12V
VCC
VOUT
VREFIN
VREFOUT
VZS
AGND
GAIN 0
GAIN 1
4.50V
BIPOLAR
VOUT
AROUND
4.5V
256 CODES
9.0V
6.75V
256 CODES
256 CODES
5.625V
256 CODES
5.062V
3.938V
3.375V
2.25V
GND + 100mV
VOUT, GAIN 2
VOUT, GAIN 1
VOUT, GAIN 1/2
VOUT, GAIN 1/4
ML2340
4.5V
4.5V
4.5V
4.5V
TYPICAL APPLICATIONS (Continued)
Figure 8. Single 12V Supply, Bipolar VOUT with 11-Bits Resolution Around 4.5V
Figure 9. Hard Disc Drive Servo Coil Driver Providing 13-Bit Effective Resolution
MICRO-
CONTROLLER
17
18
19
5
1
20
6
3
15
3
5
6
14
4
1
20
16
2
2
ML2340
VCC
VREF OUT
VREF IN
VZS
VOUT
AGND
DGND
GAIN 1
GAIN 0
DB7
DB0
XFER
0.1
µF
0.1
µF
+12V
+12V
REF
CONTROL+
CONTROL–
DISABLE
GND
POWERFAIL
RETRACT
HIGH/LOW
I(RET) SET
V(RET)
PWR GND B
OUTPUT–
RSENSE
PWR GND A
OUTPUT+
PWR VC
+5V
ML4406
+5V +12V
19
11
10
13
8
12
1
Ω
SERVO
COIL
9
FROM
MOTOR
WINDINGS
7
4
R(RET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com