Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4423CS Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4423CS
Description  1, 2, or 3-Phase Variable Speed AC Motor Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4423CS Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4423CS Datasheet HTML 1Page - Micro Linear Corporation ML4423CS Datasheet HTML 2Page - Micro Linear Corporation ML4423CS Datasheet HTML 3Page - Micro Linear Corporation ML4423CS Datasheet HTML 4Page - Micro Linear Corporation ML4423CS Datasheet HTML 5Page - Micro Linear Corporation ML4423CS Datasheet HTML 6Page - Micro Linear Corporation ML4423CS Datasheet HTML 7Page - Micro Linear Corporation ML4423CS Datasheet HTML 8Page - Micro Linear Corporation ML4423CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ML4423
5
FUNCTIONAL DESCRIPTION
The ML4423 generates 2 reference sinewaves separated
by 90º or 60º in a closed loop feedback system. These
sinewaves can be varied in amplitude and frequency by
the speed input. Signals across the motor windings are fed
back and the ML4423 drives the external power output
stage with the PWM sinewave signal necessary to cause
the measured (feedback) output waveform to match the
internal reference sinewaves. The ML4423 provides fixed
period, variable duty cycle current limit protection, and
a programmable dead time circuit to prevent cross
conduction in the power output stage. An undervoltage
lockout circuit turns off the external power transistors if
VDD falls below 9V.
CIRCUIT BLOCKS AND COMPONENT SELECTION
RREF
RREF should be set to 200kW. This current along with
CPWM set the PWM frequency.
Speed Control
The voltage on VSPEED (pin 5) controls the sinewave
frequency and amplitude. A 160k
W resistor to ground on
RSPEED (pin 6) converts the voltage on VSPEED to a current
which is used to control the frequency of the output PWM
sinewaves. The amplitude of the sinewaves increases
linearly with VSPEED until it reahces 4.4V. Above this
voltage the amplitude remains constant and only the
frequency changes as shown in Figures 1 and 2.
SINEA and SINEB Generators
The capacitor to ground on C0 sets the frequency of the
sinewave according to the following relationship. C0
should be a low temperature coefficient capacitor for
stable output frequency.
f
V
R
CV
SINE
SPEED
SPEED
=
×


4
0 170
0
.
(1)
For RSPEED = 160kW
f
V
C
SINE
SPEED
=
×
108 800
0
,
(2)
With VSPEED = 3V and C0 = 0.47mF, fSINE = 58.7Hz and
can be observed at test points SINEA (pin 10) and SINEB
(pin 11).
PWM Generator
A triangular PWM frequency will be generated on a
capacitor to ground on CPWM (pin 13). The frequency is
set by the following equation:
f
C
PWM
PWM
=
×
1
200 000
,
(3)
For CPWM = 220pF, fPWM = 22.7kHz. It is recommended
150
120
90
60
30
02
4
6
8
VSPEED (V)
RSPEED = 160
C0 = 0.47µF
1.25
1.00
0.75
0.50
0.25
0
24
4.4V
68
VSPEED (V)
Figure 1. Frequency vs VSPEED
Figure 2. Normalized Output Voltage vs VSPEED



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com