Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4423IP Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4423IP
Description  1, 2, or 3-Phase Variable Speed AC Motor Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4423IP Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4423IP Datasheet HTML 2Page - Micro Linear Corporation ML4423IP Datasheet HTML 3Page - Micro Linear Corporation ML4423IP Datasheet HTML 4Page - Micro Linear Corporation ML4423IP Datasheet HTML 5Page - Micro Linear Corporation ML4423IP Datasheet HTML 6Page - Micro Linear Corporation ML4423IP Datasheet HTML 7Page - Micro Linear Corporation ML4423IP Datasheet HTML 8Page - Micro Linear Corporation ML4423IP Datasheet HTML 9Page - Micro Linear Corporation ML4423IP Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
8V REF
SINEA
SPEED
CONTROLLER
SINEB
PWM SINE
CONTROLLER
PWM
GENERATOR
OUTPUT
DRIVE & SHOOT
THROUGH
PROTECTION
CURRENT
LIMIT
UNDER VOLTAGE
LOCKOUT
GND
SINEB
SINEA
ISENSE
L C
L B
L A
H C
H B
RDT
VMIN
RSPEED
VSPEED
VREF
RREF
160k
Ω
100k
Ω
100k
Ω
200k
Ω
CGM2
5V/12V
SELECT
H A
SENSEA
SENSEC
SENSEB
VCC
C0
CPWM
F/
R
FREQ.
AMPLITUDE
ML4423
A
DRIVE
C
B
DRIVE
PWR
INT100
1
2
3
4
5
7
8
12,13,14
11
15
+12V
+12V
+12V
+VMOTOR
RLIMIT
170–400V
100
Ω
100
Ω
1
µF
+
330pF
250m
Ω
166k
Ω
1k
Ω
0.15
µF
0.30
µF
1k
Ω
0.15
µF
1k
Ω
99k
Ω
99k
Ω
49.5k
Ω
500
Ω
220pF
0.47
µF
12V
A
C
B
1
2
3
24
21
22
19
23
20
9
25
15
COAST
14
3PH/2PH
18
11
28
27
17
4
6
5
7
8
26
12
10
13
CGM1
16
HV POWER STAGE
0.001
µF
0.001
µF
0.1
µF
0.1
µF
0.1
µF
HIN
LIN
Note: Use Extreme caution with high voltage AC motor control and drive circuitry.
When the motor is spinning at the desired speed, and the speed is rapidly reduced,
the energy stored in the rotation will generate a voltage greater than the +VMOTOR node,
and destruction of the power transistors, high side driver, ML4423
controller and the power supply may occur.
10
Ω
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com