Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4428 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4428
Description  Sensorless Smart-Start??BLDC PWM Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4428 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4428 Datasheet HTML 1Page - Micro Linear Corporation ML4428 Datasheet HTML 2Page - Micro Linear Corporation ML4428 Datasheet HTML 3Page - Micro Linear Corporation ML4428 Datasheet HTML 4Page - Micro Linear Corporation ML4428 Datasheet HTML 5Page - Micro Linear Corporation ML4428 Datasheet HTML 6Page - Micro Linear Corporation ML4428 Datasheet HTML 7Page - Micro Linear Corporation ML4428 Datasheet HTML 8Page - Micro Linear Corporation ML4428 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
ML4428
PIN DESCRIPTION
1ISNS
Motor current sense input. Current
limit one-shot is triggered when this
pin is approximately 0.5V.
2
P1
Drives the external P-channel
transistor driving motor PHI1.
3
P2
Drives the external P-channel
transistor driving motor PHI2.
4
P3
Drives the external P-channel
transistor driving motor PHI3.
5CSC
The resistor/capacitor combination on
this gm amplifier output sets a pole
zero of the speed loop in conjunction
with a gm of 0.230mmho.
6CPWM
A capacitor to ground at this pin sets
the PWM oscillator frequency. A 1nF
capacitor will set the frequency to
approximately 25kHz for PWM speed
control. Grounding this pin selects
linear speed control.
7VREF
This voltage reference output (6V) can
be used to set the speed reference
voltage.
8VSPEED
This voltage input to the amplifier in
the speed loop controls the speed
target of the motor.
9
N1
Drives the external N-channel
MOSFETs for PHI1.
10 N2
Drives the external N-channel
MOSFETs for PHI2.
11 N3
Drives the external N-channel
MOSFETs for PHI3.
12 F/R
The forward/reverse pin controls the
sequence of the commutation states
and thus the direction of motor
rotation. (TTL level)
13 VCO
This logic output indicates the
commutation frequency of the motor
in run mode. (TTL level)
14 VCC
12V power supply.
15 CVCO
Timing capacitor for VCO
16 RVCO
The resistor on this pin sets a process
independent current to generate a
repeatable VCO frequency.
17 CSNS
This capacitor to ground sets the ON
time of the 6 sense pulses used for
position detection at start-up and at
low speeds. A 5.6nF capacitor will set
the on time to approximately 200µs.
18 VFLT
A logic “0” indicates the power supply
is under-voltage. (TTL level)
19 RINIT
This resistor sets the minimum VCO
frequency, and thus, the initial on time
of the drive energization at start-up. A
2 Mý resistor to ground sets the
minimum VCO frequency to
approximately 10Hz, resulting in an
initial drive energization pulse of
100ms in conjunction with 82nF CVCO
and 10k RVCO.
20 RCVCO
VCO loop filter components.
21 CISC
A capacitor to ground at this gm
amplifier output sets a pole in the
current-mode portion of the speed
loop in conjunction with a gm of
0.230mmho.
22 PHI1
Motor Terminal 1
23 PHI2
Motor Terminal 2
24 PHI3
Motor Terminal 3
25 BRAKE
A ”0” activates the braking circuit.
(TTL level)
26 CIOS
A 50µA current from this pin will
charge a timing capacitor to GND for
fixed OFF-time PWM current control
27 RREF
This resistor sets constant currents on
the device to reduce process
dependence and external components.
A 120k resistor sets the previously
mentioned current levels.
28 GND
Signal and Power Ground
PIN NAME
FUNCTION
PIN NAME
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com