Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4426CS Datasheet(PDF) 15 Page - Micro Linear Corporation

Part # ML4426CS
Description  Bi-directional Sensorless BLDC Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4426CS Datasheet(HTML) 15 Page - Micro Linear Corporation

Back Button ML4426CS Datasheet HTML 8Page - Micro Linear Corporation ML4426CS Datasheet HTML 9Page - Micro Linear Corporation ML4426CS Datasheet HTML 10Page - Micro Linear Corporation ML4426CS Datasheet HTML 11Page - Micro Linear Corporation ML4426CS Datasheet HTML 12Page - Micro Linear Corporation ML4426CS Datasheet HTML 13Page - Micro Linear Corporation ML4426CS Datasheet HTML 14Page - Micro Linear Corporation ML4426CS Datasheet HTML 15Page - Micro Linear Corporation ML4426CS Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
ML4426
PHYSICAL DIMENSIONS inches (millimeters
0.048 MAX
(1.20 MAX)
SEATING PLANE
0.354 BSC
(9.00 BSC)
0.276 BSC
(7.00 BSC)
1
0.276 BSC
(7.00 BSC)
0.354 BSC
(9.00 BSC)
9
25
17
0.032 BSC
(0.8 BSC)
PIN 1 ID
0.012 - 0.018
(0.29 - 0.45)
0.037 - 0.041
(0.95 - 1.05)
0.018 - 0.030
(0.45 - 0.75)
0.003 - 0.008
(0.09 - 0.20)
0º - 8º
Package: H32-7
32-Pin (7 x 7 x 1mm) TQFP
Package: P28N
28-Pin Narrow PDIP
SEATING PLANE
0.280 - 0.296
(7.11 - 7.52)
PIN 1 ID
0.299 - 0.325
(7.60 - 8.26)
1.355 - 1.365
(34.42 - 34.67)
0.015 - 0.021
(0.38 - 0.53)
0.100 BSC
(2.54 BSC)
0.008 - 0.012
(0.20 - 0.31)
0.020 MIN
(0.51 MIN)
28
0º - 15º
1
0.045 - 0.055
(1.14 - 1.40)
0.180 MAX
(4.57 MAX)
0.125 - 0.135
(3.18 - 3.43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com