Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4435 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4435
Description  Sensorless BLDC Motor Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4435 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4435 Datasheet HTML 1Page - Micro Linear Corporation ML4435 Datasheet HTML 2Page - Micro Linear Corporation ML4435 Datasheet HTML 3Page - Micro Linear Corporation ML4435 Datasheet HTML 4Page - Micro Linear Corporation ML4435 Datasheet HTML 5Page - Micro Linear Corporation ML4435 Datasheet HTML 6Page - Micro Linear Corporation ML4435 Datasheet HTML 7Page - Micro Linear Corporation ML4435 Datasheet HTML 8Page - Micro Linear Corporation ML4435 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
May, 2000
PRELIMINARY DATASHEET
3
PRELIMINARY
ML4435
SOFT START
RT
VCC
GND
19
6
ISENSE 1
SPEED COMP
3
SPEED SET 5
HA
7
HB
8
HC
COAST
9
LA
11
LB
12
LC
13
TACH
2
CVCO
RVCO
20
SPEED FB
FB C 16
FB B
FB A
14
1V
5V
8.7V
VREF
0.97V
1.5V
VREF + 0.7V
2.2 + 0.7V
0.9V
8.2 + 0.7V
225k
Ω
225k
Ω
5.8k
Ω
2.9k
Ω
CURRENT LIMIT
COMPARATOR
DQ
R
+
–
PULSE-BY-PULSE
CURRENT LIMIT
PWM
COMPARATOR
+
–
UVLO COMPARATOR
SPEED
ERROR AMP
SPEED FB
BACK
EMF SAMPLER
3µs
POWER ON
RESET PULSE
6V REFERENCE
17
10
+
–
A
B
C
D
E
F
R
COMMUTATION
STATE MACHINE
GATING
LOGIC
AND
OUTPUT
DRIVERS
18
VOLTAGE
CONTROLLED
OSCILLATOR
LEVEL
SHIFT
0.7V
LEVEL SHIFT
0.7V
+
–
COMP
+
–
COMP
+
–
COMP
SIGN
CHANGER
NEUTRAL
SIMULATOR
TRIANGLE WAVE
GENERATOR
MUX
15
6
+
–
4
+
–
+
–
BLOCK DIAGRAM
ML4435 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com