Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4428CS Datasheet(PDF) 16 Page - Micro Linear Corporation

Part # ML4428CS
Description  Sensorless Smart-Start??BLDC PWM Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4428CS Datasheet(HTML) 16 Page - Micro Linear Corporation

Back Button ML4428CS Datasheet HTML 8Page - Micro Linear Corporation ML4428CS Datasheet HTML 9Page - Micro Linear Corporation ML4428CS Datasheet HTML 10Page - Micro Linear Corporation ML4428CS Datasheet HTML 11Page - Micro Linear Corporation ML4428CS Datasheet HTML 12Page - Micro Linear Corporation ML4428CS Datasheet HTML 13Page - Micro Linear Corporation ML4428CS Datasheet HTML 14Page - Micro Linear Corporation ML4428CS Datasheet HTML 15Page - Micro Linear Corporation ML4428CS Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
ML4428
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML4428CP (EOL)
0°C to 70°C
28-Pin DIP (P28N)
ML4428CS (EOL)
0°C to 70°C
28-Pin SOIC (S28)
ML4428IP
–40°C to 85°C
28-Pin DIP (P28N)
ML4428IS
–40°C to 85°C
28-Pin SOIC (S28)
DS4428-01
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design.
Micro Linear does not assume any liability arising out of the application or use of any product described herein,
neither does it convey any license under its patent right nor the rights of others. The circuits contained in this
data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to
whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility
or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel
before deciding on a particular application.
PHYSICAL DIMENSIONS inches (millimeters)
SEATING PLANE
0.291 - 0.301
(7.39 - 7.65)
PIN 1 ID
0.398 - 0.412
(10.11 - 10.47)
0.699 - 0.713
(17.75 - 18.11)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.022 - 0.042
(0.56 - 1.07)
0.095 - 0.107
(2.41 - 2.72)
0.005 - 0.013
(0.13 - 0.33)
0.090 - 0.094
(2.28 - 2.39)
28
0.009 - 0.013
(0.22 - 0.33)
0º - 8º
1
0.024 - 0.034
(0.61 - 0.86)
(4 PLACES)
Package: S28
28-Pin SOIC
© Micro Linear 1997
is a registered trademark of Micro Linear Corporation
Products described in this document may be covered by one or more of the following patents, U.S.: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940;
5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; Japan: 2598946; 2619299. Other patents are pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com