Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4428IP Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4428IP
Description  Sensorless Smart-Start??BLDC PWM Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4428IP Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4428IP Datasheet HTML 5Page - Micro Linear Corporation ML4428IP Datasheet HTML 6Page - Micro Linear Corporation ML4428IP Datasheet HTML 7Page - Micro Linear Corporation ML4428IP Datasheet HTML 8Page - Micro Linear Corporation ML4428IP Datasheet HTML 9Page - Micro Linear Corporation ML4428IP Datasheet HTML 10Page - Micro Linear Corporation ML4428IP Datasheet HTML 11Page - Micro Linear Corporation ML4428IP Datasheet HTML 12Page - Micro Linear Corporation ML4428IP Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
ML4428
Figure 4 shows the linearized transfer function of the
Phase Locked Loop with the phase detector formed from
the sampled phase through the Gm amplifier with the
loop filtered formed by R, C1, and C2. The Phase detector
gain is:
Ke
Atten
A Radian
××
×× −
ω
π
2
23 10
4
./
Where Ke is the motor back-E.M.F. constant in V/Radian/
sec,
w is the rotor speed in r/s, and Atten is the back-
E.M.F. resistive attenuator, nominally 0.3.
The simplified impedance of the loop filter is
Zs
Cs
s
s
RC
LEAD
LAG
()
()
()
=
+
+
1
1
ω
ω
Where the lead and lag frequencies are set by:
ωLEAD
RC
= 1
2
ωLAG CC
RC C
=
+
12
12
Requiring the loop to settle in 20 PLL cycles with
wLAG = 10 ¥ wLEAD produces the following calculations
for R, C1 and C2:
C
Atten K
N
e
1
4
7 508 10
=
××
×
−
.
C2 = 9 ¥ C1
R
Atten K
RPM
e
MAX
=
×
××
889 10
4
.
where Ke is the back-EMF constant in volts per radian per
second, and RPMMAX is the rotor speed. See Micro Linear
application note 35 for derivation of the above formulas.
The 80k resistor to GND from the RCVCO pin assists in a
smooth transition from sense mode to closed loop
operation.
Figure 5. Typical Sensed Start-up
t
IMOTOR
DRIVE
SENSE
DRIVE
SENSE
DRIVE
DRIVE
SENSE
LOOP CLOSED HERE
(RUN MODE)
t
IMOTOR
~200
µs
DRIVE ~100ms
SENSE ~3ms
Figure 3. VCO Output Frequency vs. VVCO (Pin 20)
02
468
10
12
3000
2500
2000
1500
1000
500
0
VVCO (VOLTS)
CVCO = 164nF
CVCO = 82nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com