Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS355G-CB2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 1SS355G-CB2-R
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1SS355G-CB2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  1SS355G-CB2-R Datasheet HTML 1Page - Unisonic Technologies 1SS355G-CB2-R Datasheet HTML 2Page - Unisonic Technologies 1SS355G-CB2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SS355
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-079.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Reverse Voltage (Repetitive Peak)
VRM
90
V
Reverse Voltage (DC)
VR
80
V
Forward Current
IFM
225
mA
Average Rectified Forward Current
IO
100
mA
Surge Current (t=1s)
Isurge
500
mA
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Forward Voltage
VF
IF=100mA
1.2
V
Reverse Current
IR
VR=80V
0.1
μA
Capacitance Between Terminals
CT
VR=0.5V, f=1MHz
3
pF
Reverse Recovery Time
trr
VR=6V, IF=10mA, RL=100Ω
4
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com