Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4622CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4622CS
Description  Fiber Optic Data Quantizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4622CS Datasheet(HTML) 7 Page - Micro Linear Corporation

  ML4622CS Datasheet HTML 1Page - Micro Linear Corporation ML4622CS Datasheet HTML 2Page - Micro Linear Corporation ML4622CS Datasheet HTML 3Page - Micro Linear Corporation ML4622CS Datasheet HTML 4Page - Micro Linear Corporation ML4622CS Datasheet HTML 5Page - Micro Linear Corporation ML4622CS Datasheet HTML 6Page - Micro Linear Corporation ML4622CS Datasheet HTML 7Page - Micro Linear Corporation ML4622CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ML4622, ML4624
critical, the pole it creates can effect the stability of the
feedback loop. To avoid stability problems, the value of
this capacitor should be at least 10 times larger than the
input coupling capacitors.
COMPARATOR
Two types of comparators are employed in the output
section of these Quantizers. The high speed ECL
comparator is used to provide the ECL level outputs and in
turn drives the TTL comparator. The enable pin,
CMP
ENABLE, is provided to control the ECL comparator. When
CMP ENABLE is low the comparators function normally.
When it’s high, it forces ECL+ high, ECL– low, and TTL
OUT high. The
CMP ENABLE pin can be controlled with
TTL level signals when the Quantizer is powered by 5V
and ground.
LINK DETECT CIRCUIT
The Link Detect circuit monitors the input signal and
provides a status signal indicating when the input falls
below a preset voltage level. When the input falls below
the preset voltage level, the
TTL Link Mon output changes
from active (low) to inactive (high). This signal can be fed
to the ML4662 10BASE-FL transceiver or a similar type of
function to indicate a Low Light Condition. This output
can also be used to disable the output data by tying it to
the
CMP Enable input.
In many fiber optic systems, including Ethernet and Token
Ring, a bit error rate is given at a minimum power level.
For example, in a 10Base-FL receiver there must be less
than 1 x 10–9 bit errors at a receive power level of
–32.5dBm average. Designers of these systems must
insure that the bit error rate is lower than the specification
at the given minimum power level. One procedure to
determine the sensitivity of a receiver is to start at the
lowest optical power level and gradually increase the
optical power until the BER is met. In this case the Link
Detect circuit must not disable the receiver (i.e.
CMP
ENABLE should be tied to Ground). Once the sensitivity of
the receiver is determined, the Link Detector circuit can
be set just above the power level that meets the BER
specification. This way the receiver will shut off before the
BER is exceeded.
The ML4622 and ML4624 quantizers have greater Link
Detect sensitivity, noise immunity, and accuracy than their
predecessor the ML4621.
The threshold generator shifts the reference voltage at
VTHADJ through a circuit which has a temperature
coefficient matching that of the limiting amplifier. The
relationship between the VTHADJ and the VTH (the peak to
peak input threshold) is:
VTHADJ = 417 VTH (ML4624)
(3)
VTHADJ = 500 VTH (ML4622)
In most cases, including 10Base-FL, 10Base-FB and
Token-Ring, VTHADJ can be tied directly to VREF. However
if greater sensitivity is required the circuit in figure 3 can
be used to adjust the VTHADJ voltage. Even if VREF is tied
to VTHADJ, it is a good idea to layout a board with these
two resistors available. This will allow potential future
adjustments without board revisions.
The response time of the Link Detect circuit is set
by the CTIMER pin. Starting from the link off state (i.e.,
TTL LINK MON is high), the link can be switched on
if the input exceeds the set threshold for a time given by:
T =
CTIMER × 0.7V
A
700
µ
(4)
To switch the link from on to off, the above time will be
doubled.
Figure 3.
VREF
VTHADJ
THRESH
GEN
REF
R1
R2
(–VRF)
BURST MODE
In some fiber optic links, the idle signal is DC, or of a
frequency that is substantially different from the data. For
these links, a faster response time of the DC loop and the
Link Monitor is required.
The ML4622 and ML4624 has been designed to
accommodate these two requirements. The input coupling
capacitors can be relatively small and still maintain
stability. With smaller input coupling capacitors and VDC
capacitor a faster DC loop response time can be achieved.
The Link Monitor is also enhanced to have a faster
response time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com