Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4658 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4658
Description  10BASE-T Transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4658 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4658 Datasheet HTML 1Page - Micro Linear Corporation ML4658 Datasheet HTML 2Page - Micro Linear Corporation ML4658 Datasheet HTML 3Page - Micro Linear Corporation ML4658 Datasheet HTML 4Page - Micro Linear Corporation ML4658 Datasheet HTML 5Page - Micro Linear Corporation ML4658 Datasheet HTML 6Page - Micro Linear Corporation ML4658 Datasheet HTML 7Page - Micro Linear Corporation ML4658 Datasheet HTML 8Page - Micro Linear Corporation ML4658 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ML4658
2
PIN# NAME
FUNCTION
1
CLSN
Indicates that a collision is taking place. Active low LED driver, open collector. Event is extended
100ms for visibility.
2
COL+
Gated 10MHz signal used to indicate a collision, SQE test, or jabber. Balanced differential
3
COL–
line driver outputs that meet AU interface specifications. AC or DC coupled.
4
SQEN/LTD/ SQE Test Enable, Link Test Disabled, Jabber Disabled. This input uses four voltage levels to
JABD
configure the chip as shown in Table 1.
Table 1. SQEN/LTD/JABD Pin Configuration
Pin
SQE Test
Link Test
Jabber
0V (GND)
Disabled
Enabled
Enabled
1.2V
Disabled
Disabled
Disabled
BIAS
Enabled
Disabled
Enabled
5V (VCC)
Enabled
Enabled
Enabled
When link test is disabled, no link pulses are transmitted, and the transmitter and receiver will not be
disabled as a result of a loss of receive link pulses. When Jabber is disabled the transmitter can
transmit continuously without interruption, and the collision oscillator will not be activated.
5
Rx+
Manchester encoded receive data output to the local device. Balanced differential line driver outputs
6
Rx–
that meet AU interface specifications. AC or DC coupled.
7VCC
5 Volt power input.
8
Tx+
Balanced differential line receiver inputs that meet AU interface specifications. These inputs may be
9
Tx–
AC or DC coupled. When AC coupled, the BIAS pin is used to set the common mode voltage. Signals
meeting the transmitter squelch input requirements are pre-equalized and output on TxTP+ and TxTP–.
10 RTSET
When using 100
Ω unshielded twisted pair, a 220Ω resistor is tied between this pin and VCC. When
using 150
Ω shielded twisted pair, a 330Ω resistor is tied between this pin and VCC.
11 RRSET
A 1% 61.9K
Ω resistor tied from this pin to VCC is used for internal biasing.
PIN DESCRIPTION (DIP)
PIN CONFIGURATION
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
JAB
BIAS
RxTP+
RxTP–
LTF
TxCAP0
TxCAP1
GND
TxTP+
TxTP–
RCV
XMT
24
23
22
21
20
19
18
17
16
15
14
13
CLSN
COL+
COL–
SQEN/LTD/JABD
Rx+
Rx–
VCC
Tx+
Tx–
RTSET
RRSET
POLRD
ML4658
24-Pin DIP
4
3
2
1
28
27 26
12 13 14 15 16
17 18
5
6
7
8
9
10
11
RxTP–
LTF
NC
TxCAP0
TxCAP1
GND
GND
25
24
23
22
21
20
19
NC
Rx+
Rx–
VCC
VCC
Tx+
Tx–
TOP VIEW
ML4658
28-Pin PCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com