Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4658CP Datasheet(PDF) 12 Page - Micro Linear Corporation

Part # ML4658CP
Description  10BASE-T Transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4658CP Datasheet(HTML) 12 Page - Micro Linear Corporation

Back Button ML4658CP Datasheet HTML 8Page - Micro Linear Corporation ML4658CP Datasheet HTML 9Page - Micro Linear Corporation ML4658CP Datasheet HTML 10Page - Micro Linear Corporation ML4658CP Datasheet HTML 11Page - Micro Linear Corporation ML4658CP Datasheet HTML 12Page - Micro Linear Corporation ML4658CP Datasheet HTML 13Page - Micro Linear Corporation ML4658CP Datasheet HTML 14Page - Micro Linear Corporation ML4658CP Datasheet HTML 15Page - Micro Linear Corporation ML4658CP Datasheet HTML 16Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ML4658
12
The transmitter incorporates a pre-equalization circuit for
driving the twisted pair line. Pre-equalization
compensates for the amplitude and phase distortion
introduced by the twisted pair cable. The twisted pair line
will attenuate the 10MHz signal more than the 5MHz
signal. Therefore pre-equalization insures that both the 5
and 10MHz components will be roughly the same
amplitude at the far end receiver.
The pre-equalization circuit reduces the current output
when a 5MHz bit is being transmitted. After 50ns of a
5MHz bit, the current level is reduced to approximately
2/3 of its peak for the remaining 50ns. Figure 11 illustrates
the pre-equalization.
An on-chip one-shot determines the pulse width of the
pre-equalized transmit signal. This requires an external
capacitor connected to pins TxCAP0 and TxCAP1. The
proper value for this one-shot is 330pF. Pre-equalization
can be disabled by shorting TxCAP0 and TxCAP1 together.
The transmitter enters the idle state when it detects start
of idle on Tx+ and Tx– input pins. The transmitter
maintains a minimum differential output voltage of at
least 450mV for 250ns after the last low to high transition.
The driver differential output voltage will then be within
50mV of 0V within 45 bit times.
RECEPTION
The twisted pair receive data is transformer coupled and
low pass filtered before it is fed into the input pins RxTP±.
The input is differential with the common mode voltage
set by the chip’s Bias pin. At the start of packet reception
from the twisted pair link, no more than 5 bits are received
from the twisted pair cable and not transmitted onto the DI
circuit. The first bit sent on the DI circuit may contain phase
violations or invalid data, but all subsequent bits are valid.
The receive squelch will reject the following signals on
the RxTP+ and RxTP– inputs:
1. All signals that produce a peak magnitude less than
300mV.
2. All continuous sinusoidal signals of amplitude less than
6.2VP–P and frequency less than 2MHz.
3. All single sinusoidal cycles of amplitude less than
6.2VP–P and either polarity, where the frequency is
between 2MHz and 15MHz. For a period of 4 BT
before and after this single cycle, the signal will
conform to (1) above.
4. All sinusoidal cycles gated by a 100ns pulse gate of
amplitude less than 6.2VP–P and either polarity, where
the sinusoidal frequency is between 2MHz and
30MHz. The off time of the pulse gate on the sinusoidal
signal shall be at least 400ns.
The first three receive squelch criteria are required to
conform to the 10BASE-T standard. The fourth receive
squelch criteria exceeds the 10BASE-T requirements and
enhances the performance of the receiver. The fourth
squelch criteria prevents a false unsquelch caused by
cross talk or noise typically found coupling from the
phone lines onto the receive twisted pair.
When the receive squelch is on during idle, the input
voltage must exceed approximately ±450mV peak
several times before unsquelch occurs. If the transmitter is
inactive, the receiver has up to 5 bit times to unsquelch
and output the receive data on the Rx+, Rx– pair. If the
transmitter is active, the receive squelch extends the time
it takes to determine whether to unsquelch. If the receiver
unsquelches while the transmitter is active, a collision
will result. Therefore the receive squelch uses the
additional time to insure that a collision will not be
reported as a result of a false receive squelch.
After the receiver is unsquelched, the detection threshold
is lowered to 275mV. Upon passing the receive squelch
requirements the receive data propagates into the
multiplexer and eventually passes to the Rx+ and Rx–
outputs of the AU interface. The addition of jitter through
the receive section is no more than ±1.5ns.
While in the unsquelch state, the receive squelch circuit
looks for the start of idle signal at the end of the packet.
When start of idle is detected, receive squelch is turned
on again. The proper start of idle occurs when the input
signal remains above 300mV for 160ns. Nevertheless, if
no transitions occur for 160ns, receive squelch is still
turned on.
COLLISION
Whenever the receiver and the transmitter are active at
the same time the chip will activate the collision output.
The collision output is a differential square wave
matching the AUI specifications and capable of driving a
78
Ωload. The frequency of the square wave is 10MHz
±15% with a 60/40 to 40/60 duty cycle. The collision
oscillation turns on no more than 9 bit times after the
collision condition begins, and turns off no more than 9
bit times after the collision condition is removed. The
collision oscillator also is activated during SQE Test and
Jabber.
LOOPBACK
The loopback function emulates a coax Ethernet
transceiver where the transmit data sent by the DTE is
looped back over the AUI receive pair. Many LAN
controllers report the status of the carrier sense for each
packet transmitted. The software can use this loopback
information to determine whether a MAU is connected to
the DTE by checking the status of carrier sense after each
packet transmission.
SYSTEM DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com