Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2288BIP Datasheet(PDF) 17 Page - Micro Linear Corporation

Part # ML2288BIP
Description  Serial I/O 8-Bit A/D Converters with Multiplexer Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2288BIP Datasheet(HTML) 17 Page - Micro Linear Corporation

Back Button ML2288BIP Datasheet HTML 13Page - Micro Linear Corporation ML2288BIP Datasheet HTML 14Page - Micro Linear Corporation ML2288BIP Datasheet HTML 15Page - Micro Linear Corporation ML2288BIP Datasheet HTML 16Page - Micro Linear Corporation ML2288BIP Datasheet HTML 17Page - Micro Linear Corporation ML2288BIP Datasheet HTML 18Page - Micro Linear Corporation ML2288BIP Datasheet HTML 19Page - Micro Linear Corporation ML2288BIP Datasheet HTML 20Page - Micro Linear Corporation ML2288BIP Datasheet HTML 21Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
ML2281, ML2282, ML2284, ML2288
17
APPLICATIONS (Continued)
10k
Ω
CLK
CLK
CLK
CLK
QD
CLOCK
GENERATOR
CLK
CLR
CLK
CLK
CLK INT
CLK
CS
SARS
GND
SI A
SI B
CLK
QH
VCC
VCC
VCC
SIN
SHIFT/
LOAD
VREF
QA
10k
Ω
5 VDC
START
START
+
CLOSE TO
START THE
A/D CONVERSION
0.01
µF
0.001
µF
OUTPUT SHIFT REGISTER
74HC164
ANALOG INPUTS
PARALLEL INPUTS
MUX ADDRESS
GND
INPUT SHIFT REGISTER
74HC165
ML2288
114
1
14
20
19
10
11
12
13
17
D1
COM
9
1
2
3
4
5
6
7
8
18
16
15
NC
0
1
2
3
1k
Ω (8)
1/8 VCC
4
5
6
7
DO
DO
DO
V+
DGND
AGND
SE
+10
µF
51k
Ω
2
3
4
5
6
10
11
12
13
7
8
1.3k
Ω (8)
1/2 74HC74
MSB
DATA DISPLAY
LSB
5VDC
5VDC
5VDC
5VDC
5VDC (OR VIN)
14
NC
10
7
7
6
5
4
3
14
13
12
51k
Ω (4)
11
15
2
1
9
NC
SGL/
DIF
START BIT
ML2288 “Stand-Alone” or Evaluation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com