Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2288BCQ Datasheet(PDF) 21 Page - Micro Linear Corporation

Part # ML2288BCQ
Description  Serial I/O 8-Bit A/D Converters with Multiplexer Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2288BCQ Datasheet(HTML) 21 Page - Micro Linear Corporation

Back Button ML2288BCQ Datasheet HTML 17Page - Micro Linear Corporation ML2288BCQ Datasheet HTML 18Page - Micro Linear Corporation ML2288BCQ Datasheet HTML 19Page - Micro Linear Corporation ML2288BCQ Datasheet HTML 20Page - Micro Linear Corporation ML2288BCQ Datasheet HTML 21Page - Micro Linear Corporation ML2288BCQ Datasheet HTML 22Page - Micro Linear Corporation ML2288BCQ Datasheet HTML 23Page - Micro Linear Corporation ML2288BCQ Datasheet HTML 24Page - Micro Linear Corporation ML2288BCQ Datasheet HTML 25Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ML2281, ML2282, ML2284, ML2288
21
APPLICATIONS (Continued)
4mA–20mA Current Loop Converter
VCC
ML2281
GND
+IN
–IN
VREF
DO
CS
CLK
GND
VO
VCC
V+
1000pF
100k
Ω = 50kHZ
INP
CD4024
50pF
100k
Ω
10k
Ω
2
3
5
68
6N139
OPTO COUPLER
VCC
VO5
200k
Ω
6.2k
Ω
3.9k
Ω
300k
Ω
47k
Ω
10k
Ω
5k
Ω
24k
Ω
47
µF
10
µF
100
Ω
+
LM385–2.5V
LM385–2.5V
4mA–20mA
1N4148
1/6 74HC14
• ALL POWER SUPPLIED BY LOOP
• 1500V ISOLATION AT OUTPUT
TRANSFORMER
TRW-TC-SSD-32
1N4148
1N4148
470
Ω
6V
6V
1
5
3
7
2
6
6V
10k
Ω
DI
470
Ω
100
µF
+
CLK
VCC
VCC
VCC
VCC
ML2288
100k
Ω
2N2222
2N2222
2
3
8
6
5
2N2222
D1
DO
CS
VCC OUT
10k
Ω
CS
10k
Ω
CLK
6.8k
Ω
8 ANALOG
CHANNELS
47k
Ω
4N28
4N28
• NO POWER REQUIRED REMOTELY
• 1500V ISOLATION
6N139 HIGH GAIN
OPTOCOUPLER
100k
Ω
Isolated Data Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com