Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4665CQ Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML4665CQ
Description  Low Cost Single Chip 10BASE-FL Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4665CQ Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML4665CQ Datasheet HTML 5Page - Micro Linear Corporation ML4665CQ Datasheet HTML 6Page - Micro Linear Corporation ML4665CQ Datasheet HTML 7Page - Micro Linear Corporation ML4665CQ Datasheet HTML 8Page - Micro Linear Corporation ML4665CQ Datasheet HTML 9Page - Micro Linear Corporation ML4665CQ Datasheet HTML 10Page - Micro Linear Corporation ML4665CQ Datasheet HTML 11Page - Micro Linear Corporation ML4665CQ Datasheet HTML 12Page - Micro Linear Corporation ML4665CQ Datasheet HTML 13Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
1
3
ML4665
ORDERING INFORMATION
PART NUMBER
TEMPERATURE
PACKAGE
ML4665CQ
0
°C TO 70°C
20-pin PLCC (Q20)
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design.
Micro Linear does not assume any liability arising out of the application or use of any product described herein,
neither does it convey any license under its patent right nor the rights of others. The circuits contained in this
data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to
whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility
or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel
before deciding on a particular application.
DS4665-01
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
© Micro Linear 1997
is a registered trademark of Micro Linear Corporation
Products described in this document may be covered by one or more of the following patents, U.S.: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940;
5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; Japan: 2598946. Other patents are pending.
PHYSICAL DIMENSIONS inches (millimeters)
0.100 - 0.110
(2.54 - 2.79)
PIN 1 ID
SEATING PLANE
0.385 - 0.395
(8.89 - 10.03)
0.350 - 0.356
(8.89 - 9.04)
0.013 - 0.021
(0.33 - 0.53)
0.165 - 0.180
(4.19 - 4.57)
1
0.350 - 0.356
(8.89 - 9.04)
0.385 - 0.395
(8.89 - 10.03)
6
11
16
0.290 - 0.330
(7.36 - 8.38)
0.025 - 0.045
(0.63 - 1.14)
(RADIUS)
0.009 - 0.011
(0.23 - 0.28)
0.026 - 0.032
(0.66 - 0.81)
0.042 - 0.048
(1.07 - 1.22)
0.042 - 0.056
(1.07 - 1.42)
0.200 BSC
(5.08 BSC)
Package: Q20
20-Pin PLCC
0.146 - 0.156
(3.71 - 3.96)
0.050 BSC
(1.27 BSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com