Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4667 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4667
Description  Low Power 10BASE-FL Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4667 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4667 Datasheet HTML 1Page - Micro Linear Corporation ML4667 Datasheet HTML 2Page - Micro Linear Corporation ML4667 Datasheet HTML 3Page - Micro Linear Corporation ML4667 Datasheet HTML 4Page - Micro Linear Corporation ML4667 Datasheet HTML 5Page - Micro Linear Corporation ML4667 Datasheet HTML 6Page - Micro Linear Corporation ML4667 Datasheet HTML 7Page - Micro Linear Corporation ML4667 Datasheet HTML 8Page - Micro Linear Corporation ML4667 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
ML4667
PIN
NAME
FUNCTION
19
NC/PEAK
Normally this pin can be left
floating. (tying it to GND or VCC is
OK too.) Some fiber optic LEDs may
need an additional peaking circuit
to speed-up the rise and fall times.
For this case, tie pin 19 (NC/PEAK)
to pin 18 (TxOUT). When using the
HP HFBR 1414, let pin 19 float.
Using the peaking circuit may
deteriorate optical overshoot and
undershoot.
20
GND
Ground reference.
21
GND
Ground reference.
22
LMONIN
Link Monitor Input from the
ML4622 or ML4624. This input
must be low (active) for the receiver
to unsquelch.
23
LBDIS
Loopback Disable. When this pin is
tied to VCC, the AUI transmit pair
data is not looped back to the AUI
receive pair, and collision is
disabled. When this pin is tied to
GND (normal operation), the AUI
transmit pair data is looped back to
the AUI receiver pair.
24
LMON
Link Monitor LED status output.
This pin is pulled low when
LMONIN is low and there are
transitions on RxIN
± indicating and
idle signal or active data. If either
LMONIN goes high or transitions
cease on RxIN
±, LMON will go
high, Active low LED driver, open
collector.
25
RxIN–
Fiber optic receive pair. This ECL
26
RXIN+
level signal is received from the
ML6422 or ML4624 fiber optic
quantizer. When this signal exceeds
the receive squelch requirements,
and the
LMONIN input is low, the
receive data is buffered and sent to
the AUI receive outputs.
27
BIAS
BIAS output voltage for the AUI
Tx+, Tx– inputs when they are AC
coupled.
28
JAB
Jabber network status LED. When in
the Jabber state, this pin will be low
and the transmitter will be disabled.
In the Jabber “OK” state this pin will
be high. Open collector TTL output.
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
CLSN
Indicates that a collision is taking
place. Active low LED driver, open
collector. Event is extended with
internal timer for visibility.
2
COL+
Gated 10MHz oscillation used to
3
COL–
indicate a collision, SQE test, or
jabber. Balanced differential line
driver outputs that meet AUI
specifications.
4
SQEN/JABD SQE Test Enable, Jabber Disable.
When tied low, SQE test is disabled,
when tied high SQE test is enabled.
When tied to BIAS both SQE test and
Jabber are disabled.
5
NC/GND
No connection. This pin may be
grounded.
6
Rx+
Manchester encoded receive data
7
Rx–
output to the local device. Balanced
differential line driver outputs that
meet AUI specifications.
8VCC
+5 volt power input.
9VCC
10
Tx+
Balanced differential line receiver
11
Tx–
inputs that meet AUI specifications.
These inputs may be transformer, AC
or DC coupled. When transformer or
AC coupled, the BIAS pin is used to
set the common mode voltage
12
RTSET
Sets the current driven output of the
transmitter.
13
RRSET
A 1% 61.9k
Ω resistor tied from this
pin to VCC sets the biasing currents
for internal nodes.
14
NC
No Connection
15
XMT
Indicates that transmission is taking
place. Active low LED driver, open
collector. Event is extended with
internal timer for visibility.
16
RCV
Indicates that the transceiver is
receiving a frame from the optical
input. Active low LED driver, open
collector. Event is extended with
internal timer for visibility.
17
VCCTx
+5 volt supply for LED driver.
18
TxOUT
Fiber optic LED driver output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com