Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMUR1660L-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UMUR1660L-TQ2-R
Description  SWITCHMODE POWER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMUR1660L-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UMUR1660L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UMUR1660L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UMUR1660L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UMUR1660
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-146.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VR
600
V
Working Peak Reverse Voltage
VRWM
600
V
Peak Repetitive Reverse Voltage
VRRM
600
V
Per Leg
8.0
A
Average Rectified Forward Current
Total Device, (Rated VR), TC=150°C
Total
IF(AV)
16
A
Peak Rectified Forward Current (Rated
VR, Square Wave, 20kHz), TC=150°C
Per Leg
IFM
16
A
Non-Repetitive Peak Surge Current (Surge Applied at Rated
Load Conditions Halfwave, Single Phase, 60Hz)
IFSM
100
A
Storage Temperature
TSTG
-65~+175
°C
Operating Junction Temperature
TJ
-65~+175
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-263
2
°C/W
Junction to Case
TO-220F/TO-220F1
θJC
3.4
°C/W
ELECTRICAL CHARACTERISTICS (PER DIODE LEG)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=8A, TC=25°C
1.50
V
Instantaneous Forward Voltage (Note)
VF
IF=8A, TC=150°C
1.20
V
Rated dc Voltage, TC=25°C
10
µA
Instantaneous Reverse Current (Note)
IR
Rated dc Voltage, TC=150°C
500
µA
IF=1.0A, di/dt=50A/µs
60
ns
Reverse Recovery Time
tRR
IF=0.5A, IR=1.0A, IREC=0.25 A
50
ns
Note: Pulse Test: Pulse Width=300µs, Duty Cycle≤2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com