| Electronic Components Datasheet Search |
|
ML2288CIP Datasheet(PDF) 6 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML2288CIP Datasheet(HTML) 6 Page - Micro Linear Corporation |
|
6 / 26 page ![]() ML2281, ML2282, ML2284, ML2288 6 ELECTRICAL CHARACTERISTICS (Continued) TYP LIMIT SYMBOL PARAMETER CONDITIONS MIN NOTE 3 MAX UNITS AC ELECTRICAL CHARACTERISTICS fCLK Clock Frequency (Note 4) 10 1.333 kHz tACQ Sample-and-Hold Acquisition 1/2 1/fCLK tC Conversion Time Not including MUX adddressing time 8 1/fCLK SNR Signal to Noise Ratio VIN = 40kHz, 5V sine. fCLK = 1.333MHz 47 dB ML2281 (fSAMPLING » 120kHz). Noise is sum of all nonfundamental components up to 1/2 of fSAMPLING (Note 11) THD Total Harmonic Distortion VIN = 40kHz, 5V sine. fCLK = 1.333MHz –60 dB ML2281 (fSAMPLING » 120kHz). THD is sum of 2, 3, 4, 5 harmonics relative to fundamental (Note 11) IMD Intermodulation Distortion VIN = fA + fB. fA = 40kHz, 2.5V sine. –60 dB ML2281 fB = 39.8kHz, 2.5V Sine, fCLK = 1.333MHz (fSAMPLING » 120kHz). IMD is (fA + fB), (fA – fB), (2fA + fB), (2fA – fB), (fA + 2fB), (fA – 2fB) relative to fundamental (Note 11) Clock Duty Cycle (Notes 4, 10) 40 60 % tSET-UP CS Falling Edge or Data Input (Note 4) 130 ns Valid to CLK Rising Edge tHOLD Data Input Valid after (Note 4) 80 ns CLK Rising Edge tPD1, CLK Falling Edge to Output CL = 100pF (Note 4 & 12) tPD0 Data Valid Data MSB first 90 200 ns Data LSB first 50 110 ns t1H, Rising Edge of CS to Data CL = 10pF, RL = 10k (see high impedance 40 90 ns t0H Output and SARS Hi-Z test circuits) (Note 5) CL = 100pF, RL = 2k (Note 4) 80 160 ns CIN Capacitance of Logic Input 5 pF COUT Capacitance of Logic Outputs 5 pF Note 1: When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < GND or VIN > VCC) the absolute value of current at that pin should be limited to 25mA or less. Note 2: 0°C to 70°C and –40°C to +85°C operating temperature range devices are 100% tested with temperature limits guaranteed by 100% testing, sampling, or by correlation with worst-case test conditions. Note 3: Typicals are parametric norm at 25°C. Note 4: Parameter guaranteed and 100% production tested. Note 5: Parameter guaranteed. Parameters not 100% tested are not in outgoing quality level calculation. Note 6: Total unadjusted error includes offset, full-scale, linearity, multiplexer and sample-and-hold errors. Note 7: Cannot be tested for ML2282. Note 8: For VIN– ³ VIN+ the digital output code will be 0000 0000. Two on-chip diodes are tied to each analog input (see Block Diagram) which will forward conduct for analog input voltages one diode drop below ground or one diode drop greater than the VCC supply. Be careful, during testing at low VCC levels (4.5V), as high level analog inputs (5V) can cause this input diode to conduct—especially at elevated temperatures, and cause errors for analog inputs near full-scale. The spec allows 50mV forward bias of either diode. This means that as long as the analog VIN or VREF does not exceed the supply voltage by more than 50mV, the output code will be correct. To achieve an absolute 0V to 5V input voltage range will therefore require a minimum supply voltage of 4.950VDC over temperature variations, initial tolerance and loading. Note 9: Leakage current is measured with the clock not switching. Note 10: A 40% to 60% clock duty cycle range insures proper operation at all clock frequencies. In the case that an available clock has a duty cycle outside of these limits, the minimum time the clock is high or the minimum time the clock is low must be at least 300ns. The maximum time the clock can be high or low is 60µs. Note 11: Because of multiplexer addressing, test conditions for the ML2282 would be VIN = 34kHz, 5V sine (fSAMPLING » 102kHz); ML2284 VIN = 32kHz, 5V sine (fSAMPLING » 95kHz); ML2288 VIN = 30kHz, 5V sine (fSAMPLING » 89kHz). Note 12: Since data, MSB first, is the output of the comparator used in the successive approximation loop, an additional delay is built in (see Block Diagram) to allow for comparator response time. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |