Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

010C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 010C
Description  Low starting threshold
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

010C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  010C Datasheet HTML 1Page - List of Unclassifed Manufacturers 010C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Met One
Instruments, Inc.
1600 Washington Blvd.,
Grants Pass, OR 97526
Tel 541.471.7111
Fax 541.471.7116
sales@metone.com
010C-020C Rev.12/2010
010C Wind Speed Sensor
020C Wind Direction Sensor
Model 010C Wind Speed Sensor
PERFORMAncE chARAcTERISTIcS
Maximum Operating Range:
0 - 125 mph (0 - 60 m/s)
Starting Speed:
0.5 mph (0.22 m/s)
Calibrated Range:
0 - 100 mph (0 - 50 m/s)
Accuracy:
Resolution <0.1 mph or m/s
Temperature Range:
-50°C to +65°C (-58°F to +149°F)
Distance Constant:
less than 5 ft (1.5m) of flow (meets EPA specifications)
ElEcTRIcAl chARAcTERISTIcS
Power Requirements:
12 VDC at 10 mA, 12 VDC at 350 mA for internal heater
Output Signal:
11 volt (pulse frequency equivalent to speed)
Output Impedance:
100 Ω maximum
PhySIcAl chARAcTERISTIcS
Weight:
1.5 lbs (.68 kg)
Finish:
Clear anodized aluminum; Lexan cup assembly
cABlE & MOUnTInG
PN 1953
Cable Assembly; specify length in feet or meters
Mounting:
PN 191 Crossarm Assembly
Model 020C Wind Direction Sensor
PERFORMAncE chARAcTERISTIcS
Azimuth:
Electrical 0° - 357°
Mechanical 0° - 360°
Threshold:
0.5 mph (0.22 m/s)
Linearity:
±1/2% of full scale
Accuracy:
±3°
Resolution <0.1°
Damping Ratio:
Standard 0.6 (magnesium tail) (meets EPA specifications)
Delay Distance:
Less than 3 ft (91 cm)
Temperature Range:
-50°C to +65°C (-58°F to +149°F)
ElEcTRIcAl chARAcTERISTIcS
Power Requirements:
12 VDC at 10 mA, 12 VDC at 350 mA for internal heater
Output Signal Selectable:
a. 0 - 5 V for 0° - 360°
b. 0 - 2.5 V for 0° - 360°
Output Impedance:
100 Ω maximum
PhySIcAl chARAcTERISTIcS
Weight:
1.5 lbs (0.68 kg)
Finish:
Clear anodized aluminum
cABlE & MOUnTInG
PN 1957
Cable Assembly; specify length in feet or meters
Mounting:
PN 191 Crossarm Assembly (contains orientation lock)
AlTERnATE WInD SEnSORS
010C-1
Distance Constant:
15 ft. (4.6 m) – aluminum cup assembly (meets EPA specifications)
020C-1
Damping Ratio:
0.25 (aluminum tail)
Specifications are subject to change at any time.
SPEcIFIcATIOnS
±1% or 0.15 mph (0.07 m/s)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com