Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

014 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 014
Description  Field replaceable bearings and electronics
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

014 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  014 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Range:
Starting Threshold:
Accuracy:
Resolution:
Linearity:
Output:
Basic slope and offset:
Contact Rating:
Connection:
Operating Temperature:
Weight:
Mounting:
Construction:
Field replaceable
bearings and
electronics
3003 aluminum cups.
6061-T6 aluminum
hub and arms.
18-8 Stainless Steel
hardware
Compatible with
existing mounting
hardware
www.metone.com
(541) 471-7111
A Trusted Leader...A Reliable Partner
Met One
Instruments
Compatible with existing
mounting hardware
Precision stainless steel bearings
Works with all data loggers
10+ year field life
0.45 m/sec to 60 m/sec
0.45 m/sec
+/- 0.11 m/sec or 1.5% of Full Scale
0.04 m/sec
Less than 0.25%
Two contact closures per revolution
.79984 slope
.45 offset for M/sec range*
10 mA maximum
Two wires to compression screw terminal block
-50°C to +85°C
0.18 Kg
½” Diameter vertical mast
All aluminum with two stainless steel bearing assemblies
*Output Calculation M/sec = (Frequency X 0.79984) + .45
Specifications based on standard aluminum cup assembly 1812
Specifications:


Similar Part No. - 014

ManufacturerPart #DatasheetDescription
logo
France Joint
014 FRANCEJOINT-014 Datasheet
350Kb / 3P
STATIC SEALS
logo
ITT Industries
014-1001-040519 ITT-014-1001-040519 Datasheet
786Kb / 5P
TECHNICAL DATA Press-Fit Insulated Terminals
014-2001-040519 ITT-014-2001-040519 Datasheet
786Kb / 5P
TECHNICAL DATA Press-Fit Insulated Terminals
014-2011-040519 ITT-014-2011-040519 Datasheet
786Kb / 5P
TECHNICAL DATA Press-Fit Insulated Terminals
logo
PCE Instruments.
014-4 PCE-014-4 Datasheet
3Mb / 6P
Industrial plugs and sockets series SHARK
Vers. 03/2012
More results

Similar Description - 014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44002 PASTERNACK-PE44002 Datasheet
201Kb / 2P
SMA Female Connector Field Replaceable Attachment
logo
List of Unclassifed Man...
373P05CF ETC2-373P05CF Datasheet
384Kb / 28P
ROD END BEARINGS & LINKAGES
MP532 ETC2-MP532 Datasheet
175Kb / 1P
TMP MALE, 2 HOLE FLANGE MOUNT FIELD REPLACEABLE
logo
AEL Crystals Ltd
FFB0812SH AEL-FFB0812SH Datasheet
142Kb / 1P
Bearing Type Ball Bearings
logo
Pasternack Enterprises,...
PE44337 PASTERNACK-PE44337 Datasheet
251Kb / 3P
1.85mm Female Connector Field Replaceable Attachment
logo
Analog Devices
HMC7891 AD-HMC7891 Datasheet
392Kb / 12P
Field replaceable SMA connectors
Rev. 0
logo
Amphenol Corporation
P40250121 AMPHENOL-P40250121 Datasheet
226Kb / 4P
National Institute of Standards and Technology (NIST) traceable, field-replaceable sensor
logo
Delta Electronics, Inc.
FTA DELTA-FTA Datasheet
356Kb / 1P
Bearing Type Ball Bearings
GFB DELTA-GFB Datasheet
297Kb / 1P
Bearing Type Ball Bearings
AFB0912L DELTA-AFB0912L_V01 Datasheet
615Kb / 2P
Bearing Type Ball Bearings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com