Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

034B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 034B
Description  Compact design for minimum visual impact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

034B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  034B Datasheet HTML 1Page - List of Unclassifed Manufacturers 034B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Met One
Instruments, Inc.
1600 Washington Blvd.,
Grants Pass, OR 97526
Tel 541.471.7111
Fax 541.471.7116
sales@metone.com
034B Rev.12/2010
phySIcAl chARAcTERISTIcS
Sensor Weight:
1 lb 12.5 oz (0.81 kg)
Finish:
Clear anodized aluminum
cABlE & MOUnTInG
PN 3013
Cable Assembly; specify length in feet or meters
Mounting:
PN 2954 Mounting & Alignment Adapter
Mounting with the alignment adapter (PN 2954) maintains alignment even if the sensor is removed for maintenance.
The alignment adapter mounts the 034B to1˝ diameter tubing or pipe. PN 7156 is a horizontal sensor mounting arm.
Contact factory for special mounting applications.
Specifications are subject to change at any time.
SpEcIFIcATIOnS
034B Wind Sensor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com