Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4761CS Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4761CS
Description  Adjustable Output Low Voltage Boost Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4761CS Datasheet(HTML) 6 Page - Micro Linear Corporation

  ML4761CS Datasheet HTML 1Page - Micro Linear Corporation ML4761CS Datasheet HTML 2Page - Micro Linear Corporation ML4761CS Datasheet HTML 3Page - Micro Linear Corporation ML4761CS Datasheet HTML 4Page - Micro Linear Corporation ML4761CS Datasheet HTML 5Page - Micro Linear Corporation ML4761CS Datasheet HTML 6Page - Micro Linear Corporation ML4761CS Datasheet HTML 7Page - Micro Linear Corporation ML4761CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ML4761
Figure 5. Typical Efficiency as a Function of VIN.
100
1.0
3.0
2.0
200
300
400
500
0
L = 10µH
L = 15µH
L = 27µH
L = 56µH
VIN (V)
ML4761(VOUT = 3.3V)
100
1.0
3.0
4.0
2.0
200
300
400
500
0
L = 10µH
L = 15µH
L = 27µH
L = 56µH
ML4761(VOUT = 5.0V)
VIN (V)
70%
13
2
75%
80%
85%
90%
65%
0
L = 10µH
L = 15µH
L = 27µH
L = 56µH
VIN
ML4761-(VOUT = 3.3V)
95%
75%
1.0
3.0
4.0
2.0
80%
85%
90%
95%
70%
0
L = 10µH
L = 15µH
L = 27µH
L = 57µH
VIN (V)
ML4761-(VOUT = 5.0V)
Figure 5 shows efficiency under the conditions used to
create Figure 4. It can be seen that efficiency is mostly
independent of input voltage and is closely related to
inductor value. This illustrates the need to keep the
inductor value as high as possible to attain peak system
efficiency. As the inductor value goes down to 10µH, the
efficiency drops to between 70% and 75%. With 56µH,
the efficiency exceeds 90% and there is little room for
improvement. At values greater than 100µH, the operation
of the synchronous rectifier becomes unreliable because
the inductor current is so small that it is difficult for the
control circuitry to detect.
After the appropriate inductor value is chosen, it is
necessary to find the minimum inductor current rating
required. Peak inductor current is determined from the
following formula:
I
TV
L
L PEAK
ON MAX
IN MAX
MIN
()
()
()
=
×
(3)
When comparing various inductors, it is important to keep
in mind that suppliers use different criteria to determine
their ratings. Many use a conservative current level, where
inductance has dropped to 90% of its normal level. In any
case, it is a good idea to try inductors of various current
ratings with the ML4761 to determine which inductor is
the best choice. Check efficiency and maximum output
current, and if a current probe is available, look at the
inductor current to see if it looks like the waveform shown
in Figure 3. For additional information, see Application
Note 29.
Suitable inductors can be purchased from the following
suppliers:
Coilcraft
(708) 639-6400
Coiltronics
(407) 241-7876
Dale
(605) 665-9301
Sumida
(708) 956-0666
Figure 4. Output Current vs. Input Voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com