Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

092 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 092
Description  Permanent calibration; no service required
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

092 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  092 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Met One
Instruments, Inc.
1600 Washington Blvd.,
Grants Pass, OR 97526
Tel 541.471.7111
Fax 541.471.7116
sales@metone.com
092 Rev. 12/2010
092 Barometer Pressure Sensor
The 092 Barometric Pressure Sensor measures absolute atmospheric pressure and converts
it into a linear, proportional voltage, using digital computer technology.
The 092 features robust, low maintenance construction that will withstand a wide-range of
adverse weather conditions, and consistently collects reliable barometric pressure data.
• Compact size
• Weatherproof enclosure
• Digital and analog outputs
• Permanent calibration; no service required
• Customer configured output
Operation
The enclosure of the 092 sensor houses a solid-state
pressure transducer, with linearization and amplifica-
tion instruments, and a low power embedded CPU.
The standard range of the 092 is 600 to 1100 hPa,
which makes it suitable for elevations sea level to
10,000 ft. Other ranges can be configured with DIP
switches on the board of the barometer. The digital
range is always 600 to 1100 hPa.
Construction
– The 092 is contained within a small polycarbonate
enclosure with metal weather shield. It may be
mounted outside or inside a building
– Small inlet holes allow the atmospheric pressure
access to the sensing element
FEATURES
PERFORMAnCE ChARACTERISTICS
Range:
600 to 1100 hPa (17.72 to 32.48 inch/hg)
Elevation:
Sea level to 10,000 ft. (3048 m)
Resolution:
0.1 hPa
Temp. Operating Range:
-40°C to 55°C (-40°F to 131°F)
Temp. Compensated Range:
-40°C to 55°C (-40°F to 131°F)
Accuracy:
±0.35 hPa @ 20°C (68°F)
±1.0 hPa (±0.03 in Hg) over full range or ±0.5 hPa over any 200 hPa range
Long Term Stability:
±1.0 hPa in 1 year
ELECTRICAL ChARACTERISTICS
Analog Output:
0-1, 0-2, 0-2.5 or 0-5 VDC
(Analog output automatically adjusts from zero to full scale for range selected.)
Digital Output:
RS-232, RS-485 & SDI-12
Digital Protocol:
ASCII Terminal Mode
RTU for RS-232 and RS-485.
Baud Rates:
1200, 2400, 4800, 9600, & 19.2K
Power Requirement:
10 mA @ 12 VDC, Typical
Power Range:
6-16 VDC
PhYSICAL ChARACTERISTICS
Weight:
8.8 oz. (250 g)
Dimensions:
4.72 x 3.14 x 2.16 in (120 x 80 x 55 mm)
CABLE
PN 1169
Cable Assembly; specify length in feet or meters
Specifications are subject to change at any time.
SPECIFICATIOnS
092 Barometric Pressure Sensor


Similar Part No. - 092

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
092-2750 JFW-092-2750 Datasheet
66Kb / 1P
BIAS TAP
092-2912 JFW-092-2912 Datasheet
66Kb / 1P
BIAS TAP
092-3100 JFW-092-3100 Datasheet
66Kb / 1P
BIAS TAP
092-3427 JFW-092-3427 Datasheet
66Kb / 1P
BIAS TAP
092-3452 JFW-092-3452 Datasheet
66Kb / 1P
BIAS TAP
More results

Similar Description - 092

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
No External Clock Required
THCS132 THINE-THCS132 Datasheet
596Kb / 19P
No External Clock Required
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
logo
Silicon Laboratories
CPT112S SILABS-CPT112S Datasheet
478Kb / 35P
No firmware development required
SI52131-A11A SILABS-SI52131-A11A Datasheet
1Mb / 19P
No termination resistors required
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
No external matching required
Rev. 0
logo
Laird Tech Smart Techno...
900 LSTD-900 Datasheet
689Kb / 1P
No heatsink preheating required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
No Drilling Required
logo
Delta Electronics, Inc.
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
No minimum load required
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
No minimum load required
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com