Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

095 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 095
Description  Temperature compensated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

095 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  095 Datasheet HTML 1Page - List of Unclassifed Manufacturers 095 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Model 096 Pyranometer
Model 394 Pyranometer
The precision spectral pyra-
nometer is used to measure
the total sun and sky radiation,
or a defined wavelength band.
It utilizes a circular, multi-junc-
tion thermopile protected by a
glass hemispheres. The selec-
tion of the outer hemisphere
determines the spectral range
of the sensor.
Features
s Extremely high accuracy
s Circular multi-junction
thermopile detector
s Full or partial band
sensitivity
s Temperature compensated
s Rapid response time
s Built-in leveling devices
The detector element is a cir-
cular wirebound multi-junction
thermopile. The junctions are
copper-constantan plated.
Built-in thermistor circuitry is
incorporated to eliminate the
effects of ambient temperature.
The hemispherical optical
glass domes have a water-
proof seal, but can easily be
removed for repairs. The
case is cast bronze, enam-
eled white, and includes a
guard disk. The sensor is fit-
ted with a desiccator, circular
level, and leveling screws. A
mounting base with a vertical
3/4” IPS pipe simplifies field
installation of the sensor.
Model 096 Pyranometer
The Model 096 Pyranometer
uses a silicon solar cell mount-
ed in a cosine corrected minia-
ture head. It provides an eco-
nomical solution to the mea-
surement of solar radiation for
use in meteorological, agricul-
tural and hydrological studies.
The Model 394 Pyranometer
Features
s Silicon cell sensing
element
s Extremely rapid response
s Fully cosine-corrected
s Error less than ±5%
s Built-in leveling devices
The spectral response of the
sensor is .4 to 1.1 microns
(400 to 1100 nanometers).
This does not cover the full
range of the solar spectrum,
but the error introduced is
less than ±5% under most
conditions of natural daylight.
The cable is directly attached
to the sensor without connec-
tors. The sensor is furnished
with a mounting plate, which
contains a circular level and
adjusting screws. The sup-
plied base includes a vertical
3/4” IPS pipe to facilitate
mounting and field installation.
Model 097
Net Radiometer
The Model 097 Net Radiome-
ter is a high output device
designed to measure the sum
of all incoming radiation less
the outgoing radiation. This is
the energy retained by the
surface for heating soil and
air, plant growth, and water
evaporation. Incoming radia-
tion consists of direct beam
and diffuse solar radiation
and longwave sky radiation.
Outgoing radiation is the
reflected radiation and terres-
trial longwave radiation.
Features
s 62-junction thermopile
detector
s High output/low resistance
s Leveling ball joint with built-
in level
s Balanced long- and short-
wave calibration coeffi-
cients
s Desiccant and purge points
in support arm
s No power required
s Linear calibration
s Non-pressurized, easy
replacement of windshields
The Model 097 Pyranometer
The spectral response of the
Model 097 is 250 to 60,000
microns (.25 to 60 nanome-
ters). The sensor is extremely
sensitive to levelness, and a
built-in circular level is provid-
ed to facilitate proper installa-
tion. The mounting arm of the
sensor contains the desiccant
supply. Field maintenance is
simplified by the design
which incorporates heavy-
duty polyethylene hemispher-
ical windshields. The wind-
shields are easily replaced
and require no pressuriza-
tion. The cable is directly
attached to the sensor with-
out connectors. The sensor is
furnished with a supporting
arm and mounting plate,
enabling the sensor to install
on any horizontal or vertical
pipe having a diameter less
than 1.5” (38 mm).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com