Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4769CS Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4769CS
Description  2 Cell, Adjustable Output Boost Regulator with Load Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4769CS Datasheet(HTML) 6 Page - Micro Linear Corporation

  ML4769CS Datasheet HTML 1Page - Micro Linear Corporation ML4769CS Datasheet HTML 2Page - Micro Linear Corporation ML4769CS Datasheet HTML 3Page - Micro Linear Corporation ML4769CS Datasheet HTML 4Page - Micro Linear Corporation ML4769CS Datasheet HTML 5Page - Micro Linear Corporation ML4769CS Datasheet HTML 6Page - Micro Linear Corporation ML4769CS Datasheet HTML 7Page - Micro Linear Corporation ML4769CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ML4769
6
DESIGN CONSIDERATIONS (Continued)
Figure 4. IOUT vs. VIN Using the Circuit of Figure 8
Figure 5. Efficiency vs. IOUT Using the Circuit of Figure 8
90
80
70
60
IOUT (mA)
1
10
100
1000
VOUT = 3V
VOUT = 5.5V
VIN = 2.4V
Figure 6. Input Leakage vs. VIN in Shutdown
Figure 7. No Load Input Current vs. VIN
350
300
250
200
150
100
50
0
VIN (V)
1.0
3.0
5.0
7.0
160
120
80
40
0
VIN (V)
1.0
2.0
3.0
5.0
4.0
VOUT = 3V
VOUT = 5.5V
OUTPUT CAPACITOR
The output capacitor filters the pulses of current from the
switching regulator. Since the switching frequency will
vary with inductance, the minimum output capacitance
required to reduce the output ripple to an acceptable
level will be a function of the inductor used. Therefore, to
maintain an output voltage with less than 100mV of ripple
at full load current, use the following equation:
C
L
V
OUT
OUT
=
™
44
(2)
The output capacitor’s Equivalent Series Resistance (ESR)
and Equivalent Series Inductance (ESL), also contribute to
the ripple. Just after the Q1 turns off, the current in the
output capacitor ramps quickly to between 0.3A and
0.9A. This fast change in current through the capacitor’s
ESL causes a high frequency (5ns) spike to appear on the
output. After the ESL spike settles, the output still has a
ripple component equal to the inductor discharge current
times the ESR. To minimize these effects, choose an
output capacitor with less than 10nH of ESL and less than
100m
W of ESR.
Suitable tantalum capacitors can be obtained from the
following vendors:
AVX
(207) 282-5111
Kemet
(846) 963-6300
Sprague
(207) 324-4140
VIN (V)
1.5
4.5
3.5
5.5
2.5
600
500
400
300
200
100
0
VOUT = 3V
VOUT = 5.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com