Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4770CS Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4770CS
Description  2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4770CS Datasheet(HTML) 8 Page - Micro Linear Corporation

  ML4770CS Datasheet HTML 1Page - Micro Linear Corporation ML4770CS Datasheet HTML 2Page - Micro Linear Corporation ML4770CS Datasheet HTML 3Page - Micro Linear Corporation ML4770CS Datasheet HTML 4Page - Micro Linear Corporation ML4770CS Datasheet HTML 5Page - Micro Linear Corporation ML4770CS Datasheet HTML 6Page - Micro Linear Corporation ML4770CS Datasheet HTML 7Page - Micro Linear Corporation ML4770CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ML4770
8
© Micro Linear 1997. is a registered trademark of Micro Linear Corporation. All other trademarks are the
property of their respective owners.
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611;
4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017;
5,559,470; 5,565,761; 5,592,128; 5,594,376; 5,652,479; 5,661,427; 5,663,874; 5,672,959; 5,689,167.
Japan: 2,598,946; 2,619,299; 2,704,176. Other patents are pending.
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or
design. Micro Linear does not assume any liability arising out of the application or use of any product
described herein, neither does it convey any license under its patent right nor the rights of others. The circuits
contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or
representations as to whether the illustrated circuits infringe any intellectual property rights of others, and will
accept no responsibility or liability for use of any application herein. The customer is urged to consult with
appropriate legal counsel before deciding on a particular application.
3/27/98 Printed in U.S.A.
PHYSICAL DIMENSIONS inches (millimeters)
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML4770CS (Obsolete)
0°C to 70°C
8-Pin SOIC (S08)
ML4770ES
-20°C to 70°C
8-Pin SOIC (S08)
SEATING PLANE
0.148 - 0.158
(3.76 - 4.01)
PIN 1 ID
0.228 - 0.244
(5.79 - 6.20)
0.189 - 0.199
(4.80 - 5.06)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.015 - 0.035
(0.38 - 0.89)
0.059 - 0.069
(1.49 - 1.75)
0.004 - 0.010
(0.10 - 0.26)
0.055 - 0.061
(1.40 - 1.55)
8
0.006 - 0.010
(0.15 - 0.26)
0º - 8º
1
0.017 - 0.027
(0.43 - 0.69)
(4 PLACES)
Package: S08
8-Pin SOIC
Figure 8. Design Example Schematic Diagram
ML4770
VOUT
COUT
100µF
10nF
CIN
100µF
VIN
10µH
(Sumida CD54)
VL1
VIN
GND
SENSE
PWR GND
SHDN
VL2
VOUT
R2
250k
R1
236k
SHUTDOWN
DS4770-01
2092 Concourse Drive
San Jose, CA 95131
Tel: (408) 433-5200
Fax: (408) 432-0295
www.microlinear.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com