Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SONICWEATHERSTATION Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SONICWEATHERSTATION
Description  Wind Speed and Direction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SONICWEATHERSTATION Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SONICWEATHERSTATION Datasheet HTML 1Page - List of Unclassifed Manufacturers SONICWEATHERSTATION Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sonic Weather Station
1600 Washington Blvd. • Grants Pass, Oregon 97526 • 541.471.7111 • www.metone.com
sales@metone.com
Specifications (continued)
REV OCT. 2013
Relative Humidity
Range:
Accuracy:
Resolution:
Pressure
Range:
Accuracy:
Resolution:
Electrical
Measurement Rate Output:
Signal Output:
8-36 VDC Supply, 40mA typical @ 12VDC, option dependent
Compass Option
Accuracy:
Resolution:
Environmental
Temperature:
Humidity:
Notes:
1. Whichever is greater
2. 0 to 60C. +/-0.5C from -40C to 0C
3. At 25°C
0 to 100%
±3% (3)
1.0%
600 to 1100 hPa
±0.5 hPa (3)
0.1 hPa
1 Hz
RS-232C, RS-485, SDI-12
±2°
1°
-40°C to +60°C (-40 to +140 °F)
0 to 100%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com