Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4803 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4803
Description  8-Pin PFC and PWM Controller Combo
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4803 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4803 Datasheet HTML 1Page - Micro Linear Corporation ML4803 Datasheet HTML 2Page - Micro Linear Corporation ML4803 Datasheet HTML 3Page - Micro Linear Corporation ML4803 Datasheet HTML 4Page - Micro Linear Corporation ML4803 Datasheet HTML 5Page - Micro Linear Corporation ML4803 Datasheet HTML 6Page - Micro Linear Corporation ML4803 Datasheet HTML 7Page - Micro Linear Corporation ML4803 Datasheet HTML 8Page - Micro Linear Corporation ML4803 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ML4803
3
February 1999
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
ICC Current (average) ............................................. 40mA
VCC MAX ............................................................... 18.3V
ISENSE Voltage .................................................. -5V to 1V
Voltage on Any Other Pin ...... GND - 0.3V to VCC + 0.3V
Peak PFC OUT Current, Source or Sink ....................... 1A
Peak PWM OUT Current, Source or Sink ..................... 1A
PFC OUT, PWM OUT Energy Per Cycle .................. 1.5µJ
Junction Temperature .............................................. 150°C
Storage Temperature Range ..................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 260°C
Thermal Resistance (
qJA)
Plastic DIP ..................................................... 110°C/W
Plastic SOIC ................................................... 160°C/W
OPERATING CONDITIONS
Temperature Range
ML4803CX-X ............................................. 0°C to 70°C
ML4803IX-X ............................................-40°C to 85°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 15V, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ONE-PIN ERROR AMPLIFIER
VEAO Output Current
TA = 25ºC, VEAO = 6V
33.5
35.0
36.5
µA
Line Regulation
10V < VCC < 15V, VEAO = 6V
0.1
0.3
µA
VCC OVP COMPARATOR
Threshold Voltage
TA = 0ºC to 70ºC
15.5
16.0
16.5
V
PFC ILIMIT COMPARATOR
Threshold Voltage
-0.9
-1
-1.15
V
Delay to Output
150
300
ns
DC ILIMIT COMPARATOR
Threshold Voltage
1.4
1.5
1.6
V
Delay to Output
150
300
ns
OSCILLATOR
Initial Accuracy
TA = 25°C
626774
kHz
Voltage Stability
10V < VCC < 15V
1
%
Temperature Stability
2%
Total Variation
Over Line and Temp
60
67
74.5
kHz
Dead Time
PFC Only
0.3
0.45
0.65
µs
PFC
Minimum Duty Cycle
VEAO > 7.0V,ISENSE = -0.2V
0
%
Maximum Duty Cycle
VEAO < 4.0V,ISENSE = 0V
90
95
%
Output Low Impedance
8
15
W
Output Low Voltage
IOUT = -100mA
0.8
1.5
V
IOUT = –10mA, VCC = 8V
0.7
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com