Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4801IP Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4801IP
Description  Variable Feedforward PFC/PWM Controller Combo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4801IP Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4801IP Datasheet HTML 3Page - Micro Linear Corporation ML4801IP Datasheet HTML 4Page - Micro Linear Corporation ML4801IP Datasheet HTML 5Page - Micro Linear Corporation ML4801IP Datasheet HTML 6Page - Micro Linear Corporation ML4801IP Datasheet HTML 7Page - Micro Linear Corporation ML4801IP Datasheet HTML 8Page - Micro Linear Corporation ML4801IP Datasheet HTML 9Page - Micro Linear Corporation ML4801IP Datasheet HTML 10Page - Micro Linear Corporation ML4801IP Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ML4801
7
inversely proportional to VRMS2 (except at unusually
low values of VRMS where special gain contouring
takes over to limit power dissipation of the circuit
components under heavy brownout conditions). The
relationship between VRMS and gain is designated as K.
3) The output of the voltage error amplifier, VEAO. The
gain modulator responds linearly to variations in this
voltage.
The output of the gain modulator is a current signal, in the
form of a full wave rectified sinusoid at twice the line
frequency. This current is applied to the virtual-ground
(negative) input of the current error amplifier. In this way
the gain modulator forms the reference for the current
error loop, and ultimately controls the instantaneous
current draw of the PFC from the power line. The general
form for the output of the gain modulator is:
I
IVEAO
V
V
GAINMOD
AC
RMS
=
´
´
2
1
More exactly, the output current of the gain modulator is
given by:
I
K
VEAO
V
I
GAINMOD
AC
=×
−
×
(.
)
0625
(1)
where K is in units of V-1.
Note that the output current of the gain modulator is
limited to
≅ 500µA.
Current Error Amplifier
The current error amplifier’s output controls the PFC duty
cycle to keep the current through the boost inductor a
linear function of the line voltage. At the inverting input
to the current error amplifier, the output current of the
gain modulator is summed with a current which results
from a negative voltage being impressed upon the ISENSE
pin (current into ISENSE ≅ VSENSE/1.6kΩ). The negative
voltage on ISENSE represents the sum of all currents
flowing in the PFC circuit, and is typically derived from a
current sense resistor in series with the negative terminal
of the input bridge rectifier. In higher power applications,
two current transformers are sometimes used, one to
monitor the ID of the boost MOSFET(s) and one to monitor
the IF of the boost diode. As stated above, the inverting
input of the current error amplifier is a virtual ground.
Given this fact, and the arrangement of the duty cycle
modulator polarities internal to the PFC, an increase in
positive current from the gain modulator will cause the
output stage to increase its duty cycle until the voltage on
ISENSE is adequately negative to cancel this increased
current. Similarly, if the gain modulator’s output
decreases, the output duty cycle will decrease to achieve
a less negative voltage on the ISENSE pin.
Cycle-By-Cycle Current Limiter
The ISENSE pin, as well as being a part of the current
feedback loop, is a direct input to the cycle-by-cycle
current limiter for the PFC section. Should the input
voltage at this pin ever be more negative than -1V, the
output of the PFC will be disabled until the protection
flip-flop is reset by the clock pulse at the start of the next
PFC power cycle.
FUNCTIONAL DESCRIPTION (Continued)
15
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
RAMP 1
OSCILLATOR
OVP
PFC ILIMIT
VREF
POWER FACTOR CORRECTOR
2.5V
+
-
-
+
16
2
4
3
7.5V
REFERENCE
14
VCC
13
VEA
8
+
–
IEA
1
+
-
PFC OUT
12
2.75V
-1V
RTCT
7
GAIN
MODULATOR
÷2
1.6k
Ω
1.6k
Ω
8V
PFC
OUTPUT
DRIVER
PFC
CONTROLLER
DUTY CYCLE
LIMIT
Figure 1. PFC Section Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com