Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4802IP Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4802IP
Description  PFC/PWM Controller Combo with Green Mode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4802IP Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4802IP Datasheet HTML 4Page - Micro Linear Corporation ML4802IP Datasheet HTML 5Page - Micro Linear Corporation ML4802IP Datasheet HTML 6Page - Micro Linear Corporation ML4802IP Datasheet HTML 7Page - Micro Linear Corporation ML4802IP Datasheet HTML 8Page - Micro Linear Corporation ML4802IP Datasheet HTML 9Page - Micro Linear Corporation ML4802IP Datasheet HTML 10Page - Micro Linear Corporation ML4802IP Datasheet HTML 11Page - Micro Linear Corporation ML4802IP Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ML4802
8
Datasheet
August 2000
control loop for the converter, which in turn drives a
current error amplifier and switching output driver. The
second requirement is met by using the rectified AC line
voltage to modulate the output of the voltage control
loop. Such modulation causes the current error amplifier
to command a power stage current which varies directly
with the input voltage. In order to prevent ripple which
will necessarily appear at the output of the boost circuit
(typically about 10VAC on a 385V DC level, or about
40VAC during Green Mode operation) from introducing
distortion back through the voltage error amplifier, the
bandwidth of the voltage loop is deliberately kept low. A
final refinement is to adjust the overall gain of the PFC
such to be proportional to 1/VIN2, which linearizes the
transfer function of the system as the AC input voltage
varies.
Since the boost converter topology in the ML4802 PFC is
of the current-averaging type, no slope compensation is
required.
PFC SECTION
Gain Modulator
Figure 3 shows a block diagram of the PFC section of the
ML4802. The gain modulator is the heart of the PFC, as it
is this circuit block which controls the response of the
current loop to line voltage waveform and frequency, rms
line voltage, and PFC output voltage. There are three
inputs to the gain modulator. These are:
1) A current representing the instantaneous input voltage
(amplitude and waveshape) to the PFC. The rectified
AC input sine wave is converted to a proportional
current via a resistor and is then fed into the gain
modulator at IAC. Sampling current in this way
minimizes ground noise, as is required in high power
switching power conversion environments. The gain
modulator responds linearly to this current.
2) A voltage proportional to the long-term rms AC line
voltage, derived from the rectified line voltage after
scaling and filtering. This signal is presented to the
gain modulator at VRMS. The gain modulator’s output
is inversely proportional to VRMS2 (except at unusually
low values of VRMS where special gain contouring
takes over to limit power dissipation of the circuit
components under heavy brownout conditions). The
relationship between VRMS and gain is designated as
K, and is illustrated in the Typical Performance
Characteristics.
3) The output of the voltage error amplifier, VEAO. The
gain modulator responds linearly to variations in this
voltage.
FUNCTIONAL DESCRIPTION (Continued)
Figure 3. PFC Section Block Diagram
FROM
GREEN MODE
CONTROLLER
VEAO
IEAO
OVP
PFC ILIMIT
VREF
POWER FACTOR CORRECTOR
+
-
7.5V
REFERENCE
VCC
VEA
+
–
IEA
+
-
PFC OUT
2.75V
-1V
1.6k
Ω
1.6k
Ω
8V
12
2.5V
-
+
15
VFB
2
IAC
4
VRMS
3
ISENSE
8
RAMP 1
7
RT/CT
14
13
1
16
PFC
OUTPUT
DRIVER
PFC
CONTROLLER
GAIN
MODULATOR
DUTY CYCLE
LIMIT
OSCILLATOR
÷2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com