Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4810CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4810CS
Description  High Frequency Power Supply Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4810CS Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4810CS Datasheet HTML 3Page - Micro Linear Corporation ML4810CS Datasheet HTML 4Page - Micro Linear Corporation ML4810CS Datasheet HTML 5Page - Micro Linear Corporation ML4810CS Datasheet HTML 6Page - Micro Linear Corporation ML4810CS Datasheet HTML 7Page - Micro Linear Corporation ML4810CS Datasheet HTML 8Page - Micro Linear Corporation ML4810CS Datasheet HTML 9Page - Micro Linear Corporation ML4810CS Datasheet HTML 10Page - Micro Linear Corporation ML4810CS Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ML4810, ML4811
7
4.70
2.20
1.00
0.47
0.22
0.10
0.047
CT (nF)
0.47
2.2
100
22
1.0
4.7
47
10.0
Figure 9. Oscillator Deadtime vs CT (3kΩ ≤ RT ≤ 100kΩ)
ERROR AMPLIFIER
The ML4811 error amplifier is a 5.5MHz bandwidth
12V/
µsec slew rate op-amp with provision for limiting the
positive output voltage swing (Output Inhibit line) for ease
in implementing the soft start function.
Figure 11. Open Loop Frequency Response
FREQUENCY (Hz)
100
10k
10M
1k
100k
100M
1M
100
80
60
40
20
0
–20
0
–90
–180
0
AV
0
POWER VC
OUT A
OUT B
POWER
GND
VCC
13
11
14
12
Q2
Q1
Figure 12. Simplified Schematic
5
4
3
2
1
TIME (
µs)
0
0.2
0.6
1.0
0.8
0.4
VOUT
VIN
Figure 10. Unity Gain Slew Rate
OUTPUT DRIVER STAGE
The ML4811 Output Driver is a 2A peak output high
speed totem pole circuit designed to quickly switch the
gates of capacitive loads, such as power MOSFET
transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com