Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4813IP Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML4813IP
Description  Flyback Power Factor Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4813IP Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML4813IP Datasheet HTML 7Page - Micro Linear Corporation ML4813IP Datasheet HTML 8Page - Micro Linear Corporation ML4813IP Datasheet HTML 9Page - Micro Linear Corporation ML4813IP Datasheet HTML 10Page - Micro Linear Corporation ML4813IP Datasheet HTML 11Page - Micro Linear Corporation ML4813IP Datasheet HTML 12Page - Micro Linear Corporation ML4813IP Datasheet HTML 13Page - Micro Linear Corporation ML4813IP Datasheet HTML 14Page - Micro Linear Corporation ML4813IP Datasheet HTML 15Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ML4813
13
INDUCTOR INFORMATION
L3 is the flyback inductor and also provides the operating
power for the control circuitry. A gapped ferrite pot core
was chosen for this application for it's modest high
frequency losses with high ripple current operation. Some
possible choices are:
Manufadurer
Part #
Total Gap
NP
Magnetics Inc. F43019
0.05"
32
Phillips
3019 PL00-3F3
0.05"
32
Phillips
3019 PA125-3C8
0.07"
38
The first 2 cores are sold ungapped and require the use of
a .025. spacer to gap the center leg to yield a total gap
length of 0.05". If an ungapped core is used, a "shorted
turn" should be employed as shown in Figure 14 to
prevent radiated EMI. The third core listed is sold with its
center ieg pre-gapped (0.07" total) so that the outside of
the core closes completely, providing shielding without a
shorted turn. NS should be 3 turns. All windings are
#24AWG wire.
Inductors L1 and L2 are constructed using a powdered
iron. This is a suitable material for these inductors since
the high frequency ripple currents (and resulting flux
excursions) are much less severe than for L3. The core
selected is a MicroMetals T68-26D with 80 turns or
#24AWG wire.
APPLICATIONS (Continued)
Figure 14. EMI Shielding for Ungapped Cores
SHORTED TURN
(COPPER FOIL)
0.25" SPACER
WINDINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com