Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4824 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML4824
Description  Power Factor Correction and PWM Controller Combo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4824 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML4824 Datasheet HTML 8Page - Micro Linear Corporation ML4824 Datasheet HTML 9Page - Micro Linear Corporation ML4824 Datasheet HTML 10Page - Micro Linear Corporation ML4824 Datasheet HTML 11Page - Micro Linear Corporation ML4824 Datasheet HTML 12Page - Micro Linear Corporation ML4824 Datasheet HTML 13Page - Micro Linear Corporation ML4824 Datasheet HTML 14Page - Micro Linear Corporation ML4824 Datasheet HTML 15Page - Micro Linear Corporation ML4824 Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ML4824
13
Figure 6. 100W Power Factor Corrected Power Supply, Designed Using Micro Linear Application Note 33.
AC INPUT
85 TO 265VAC
C1
470nF
ML4824
F1
3.15A
R5
300m
Ω
1W
BR1
4A, 600V
D12
1A, 50V
D13
1A, 50V
R2A
357k
Ω
R2B
357k
Ω
R3
75k
Ω
R4
13k
Ω
R1A
499k
Ω
R1B
499k
Ω
R12
27k
Ω
C6
1nF
C7
220pF
R11
750k
Ω
C19
1µF
C2
470nF
R27
39k
Ω
C18
470pF
R6
41.2k
Ω
R10
6.2k
Ω
C11
10nF
C3
470nF
C30
330µF
R21
22
Ω
C4
10nF
D1
8A, 600V
C5
100µF
R14
33
Ω
D10
1A, 20V
D8
1A, 20V
R7A
178k
Ω
R7B
178k
Ω
C12
10µF
D3
50V
Q1
IRF840
Q2
IRF830
C13
100nF
C14
1µF
IEAO
IAC
ISENSE
VRMS
SS
VDC
RAMP 1
RAMP 2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VEAO
VFB
VREF
VCC
PFC OUT
PWM OUT
GND
DC ILIMIT
Q3
IRF830
R15
3
Ω
C20
1µF
R28
180
Ω
12VDC
L1
3.1mH
L2
33µH
C21
1800µF
C24
1µF
RTN
D11
MBR2545CT
D5
600V
D6
600V
C25
100nF
R17
33
Ω
R30
4.7k
Ω
D7
15V
R22
8.66k
Ω
R25
2.26k
Ω
R20
1.1
Ω
C15
10nF
C16
1µF
C31
1nF
R8
2.37k
Ω
C8
82nF
C9
8.2nF
C17
220pF
R19
220
Ω
R23
1.5k
Ω
R24
1.2k
Ω
C22
4.7µF
TL431
R26
10k
Ω
MOC
8102
C23
100nF
R18
220
Ω
T2
T1
L1: Premier Magnetics #TSD-734
L2: 33µH, 10A DC
T1: Premier Magnetics #TSD-736
T2: Premier Magnetics #TSD-735
Premier Magnetics: (714) 362-4211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com