Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4825CS Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4825CS
Description  High Frequency Power Supply Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4825CS Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4825CS Datasheet HTML 1Page - Micro Linear Corporation ML4825CS Datasheet HTML 2Page - Micro Linear Corporation ML4825CS Datasheet HTML 3Page - Micro Linear Corporation ML4825CS Datasheet HTML 4Page - Micro Linear Corporation ML4825CS Datasheet HTML 5Page - Micro Linear Corporation ML4825CS Datasheet HTML 6Page - Micro Linear Corporation ML4825CS Datasheet HTML 7Page - Micro Linear Corporation ML4825CS Datasheet HTML 8Page - Micro Linear Corporation ML4825CS Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ML4825
4
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ERROR AMPLIFIER (Continued)
CMRR
1.5V < VCM < 5.5V
C suffix
75
95
dB
I suffix
75
95
dB
PSRR
10V < VCC < 30V
C suffix
80
110
dB
I suffix
80
110
dB
Output Sink Current
VEA OUT A = 1.0V
1
2.5
mA
Output Source Current
VEA OUT A = 4.0V
–0.5
–1.3
mA
Output High Voltage
IEA OUT A = –0.5mA
4.0
4.7
5.0
V
Output Low Voltage
IEA OUT A = 1mA
0
0.5
1.0
V
Unity Gain Bandwidth
3
5.5
MHz
Slew Rate
612
V/
µs
PWM COMPARATOR
Ramp Bias Current
VRAMP = 0V, TA > 0°C
C suffix
–1
–5
µA
I suffix
–5
µA
Duty Cycle Range
C suffix
85
100
%
I suffix
80
100
%
E/A OUT Zero DC Threshold
VRAMP = 0V
1.1
1.25
1.7
V
Delay to Output
50
80
nS
SOFT START
Charge Current
SS = 0.5V
–3
–9
–20
µA
Discharge Current
SS = 1V
1
mA
CURRENT LIMIT/SHUTDOWN
ILIM Bias Current
0V < VI(LIM) < 0.5V
C suffix
–10
10
µA
I suffix
–10
10
µA
Current Limit Threshold
0.9
1
1.1
V
Shutdown Threshold
TA > 0°C
1.25
1.4
1.55
V
TA < 0°C
1.25
1.4
1.60
V
Delay to Output
40
70
ns
OUTPUT
Output Low Level
IOUT = 20mA
0.25
0.4
V
IOUT = 200mA
1.2
2.2
V
Output High Level
IOUT = –20mA
13.0
13.5
V
IOUT = –200mA
12.0
13.0
V
Collector Leakage
VC = 30V
100
500
µA
Rise/Fall Time
CL = 1000pF
30
60
ns
UNDERVOLTAGE LOCKOUT
Start Threshold
8.8
9.2
9.6
V
UVLO Hysteresis
0.3
0.8
1.2
V
SUPPLY
Start Up Current
VCC = 8V
C suffix
0.1
1.1
2.5
mA
I suffix
0.1
3.5
mA
ICC
VINV, VRAMP, VI(LIM)/SD = 0V,
10
26
33
mA
VNI = 1V, TA = 25°C
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com