Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4824CS-2 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4824CS-2
Description  Power Factor Correction and PWM Controller Combo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4824CS-2 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4824CS-2 Datasheet HTML 1Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 2Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 3Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 4Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 5Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 6Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 7Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 8Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ML4824
5
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PFC
Minimum Duty Cycle
VIEAO > 4.0V
0
%
Maximum Duty Cycle
VIEAO < 1.2V
90
95
%
Output Low Voltage
IOUT = -20mA
0.4
0.8
V
IOUT = -100mA
0.8
2.0
V
IOUT = 10mA, VCC = 8V
0.7
1.5
V
Output High Voltage
IOUT = 20mA
10
10.5
V
IOUT = 100mA
9.5
10
V
Rise/Fall Time
CL = 1000pF
50
ns
PWM
Duty Cycle Range
ML4824-1
0-44
0-47
0-50
%
ML4824-2
0-37
0-40
0-45
%
Output Low Voltage
IOUT = -20mA
0.4
0.8
V
IOUT = -100mA
0.8
2.0
V
IOUT = 10mA, VCC = 8V
0.7
1.5
V
Output High Voltage
IOUT = 20mA
10
10.5
V
IOUT = 100mA
9.5
10
V
Rise/Fall Time
CL = 1000pF
50
ns
SUPPLY
Shunt Regulator Voltage (VCCZ)
12.8
13.5
14.2
V
VCCZ Load Regulation
25mA < ICC < 55mA
±100
±300
mV
VCCZ Total Variation
Load, Temp
12.4
14.6
V
Start-up Current
VCC = 11.8V, CL = 0
0.7
1.0
mA
Operating Current
VCC < VCCZ - 0.5V, CL = 0
16
19
mA
Undervoltage Lockout Threshold
12
13
14
V
Undervoltage Lockout Hysteresis
2.7
3.0
3.3
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: Includes all bias currents to other circuits connected to the VFB pin.
Note 3: Gain = K x 5.3V; K = (IGAINMOD - IOFFSET) x IAC x (VEAO - 1.5V)-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com