Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4830 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML4830
Description  Electronic Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4830 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML4830 Datasheet HTML 7Page - Micro Linear Corporation ML4830 Datasheet HTML 8Page - Micro Linear Corporation ML4830 Datasheet HTML 9Page - Micro Linear Corporation ML4830 Datasheet HTML 10Page - Micro Linear Corporation ML4830 Datasheet HTML 11Page - Micro Linear Corporation ML4830 Datasheet HTML 12Page - Micro Linear Corporation ML4830 Datasheet HTML 13Page - Micro Linear Corporation ML4830 Datasheet HTML 14Page - Micro Linear Corporation ML4830 Datasheet HTML 15Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ML4830
13
TABLE 1: PARTS LIST FOR ML4830 TYPICAL APPLICATION (Continued)
MAGNETICS: (Continued)
QTY.
REF.
DESCRIPTION
MFR.
PART NUMBER
1
T3
T3 Inductor, LPRI = 1.66mH, Custom Ciols P/N 5041 or Coiltronics P/N CTX05-12547-1
E24/25 core set, TDK PC40 material
10 pin horizontal bobbin (Plastron #0722B-31-80)
Wind as follows:
1st: 170T of 25AWG magnet wire; start pin #10, end pin #9.
1 layer of mylar tape
2nd: 5T of #32 magnet wire; start pin #2, end pin #1
1 layer of mylar tape
3rd: 3T of #30 Kynar coated wire; start pin #4, end pin #5
4th: 3T of #30 Kynar coated wire; start pin #3, end pin #6
5th: 3T of #30 Kynar coated wire; start pin #7, end pin #8
NOTE: Gap for 1.66mH ±5% (pins 9 to 10)
1
T4
T4 Power Xfmr, LPRI = 3.87mH, Custom Ciols P/N 5038 or Coiltronics P/N CTX05-12545-1
E24/25 core set, TDK PC40 material
8 pin vertical bobbin (Cosmo #4564-3-419)
Wind as follows:
1st: 200T of 30AWG magnet wire; start pin #1, end pin #4.
1 layer of mylar tape
2nd: 300T of 32AWG magnet wire; start pin #5, end pin #8
NOTE: Gap for inductance primary: (pins 1 to 4) @ 3.87mH ±5%
1
T5
T5 Current Sense Inductor, Custom Coils P/N 5040 or Coiltronics P/N CTX05-12546-1
Toroid Magnetics YW-41305-TC
Wind as follows:
Primary = 3T 30AWG magnet coated wire, start pin #1, end pin #4
Secondary = 400T 35AWG magnet wire, start pin #5, end pin #8
INDUCTORS:
2
L1, 2
EMI/RFI Inductor, 600µH, DC resistance = 0.45ý Prem.
SPE116A
Magnetics
FUSES:
1
F1
2A fuse, 5 x 20mm miniature
Littlefuse
F948-ND
2
Fuse Clips, 5 x 20mm, PC Mount
F058-ND
HARDWARE:
1
Single TO-220 Heatsink
Aavid Eng.
PB1ST-69
2
Double TO-220 Heatsink
IERC
PSE1-2TC
3
MICA Insulators
Keystone
4673K-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com