Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4828IS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4828IS
Description  BiCMOS Phase Modulation/Soft Switching Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4828IS Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4828IS Datasheet HTML 3Page - Micro Linear Corporation ML4828IS Datasheet HTML 4Page - Micro Linear Corporation ML4828IS Datasheet HTML 5Page - Micro Linear Corporation ML4828IS Datasheet HTML 6Page - Micro Linear Corporation ML4828IS Datasheet HTML 7Page - Micro Linear Corporation ML4828IS Datasheet HTML 8Page - Micro Linear Corporation ML4828IS Datasheet HTML 9Page - Micro Linear Corporation ML4828IS Datasheet HTML 10Page - Micro Linear Corporation ML4828IS Datasheet HTML 11Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
ML4828
CRST
+
–
RRST
12
+
–
7
20
INHIBIT
OUTPUT
UNDER-VOLTAGE
LOCKOUT
CLOCK
2.5V
1.25V
RST
RSENSE
R1
C1
V+
IRST
S
Q
R
TERMINATE
PWM CYCLE
V+
I1
ISWITCH
ILIM
1V
SS
CSS
SOFT START TIME CONSTANT
During start up, the output voltage is much lower than the
steady state value. Without soft start circuitry, the error
amplifier output (EAO) would swing all the way to the
upper limit and the phase modulator would issue pulses
with full duty cycle, possibly causing output overshoot. To
ensure smooth start up, EAO (pin 8) is pulled low and
then gradually released through the charging of an
external soft start capacitor connected to SS (pin 7). The
soft start charging current is internally set at 25
µA. Hence,
EAO will rise with a time constant of:
dv
dt
A
CSS
=
µ
25
(9)
For example, with CSS = 25µF, the soft start rate of change
will be:
dv
dt
A
F
V
s
=
µ
µ
=
25
25
1
(10)
FAULT TIME CONSTANT AND RESTART DELAY
Figure 5 shows the internal circuitry and external
components involved in fault detection. During normal
operation, RST (pin 12) is discharged to ground through
the external resistor RRST. The ILIM comparator has a
threshold of 1V. RSENSE is selected so that the voltage
across it will be equal to the ILIM threshold at the
maximum desired ISWITCH current. When the voltage
across RSENSE exceeds 1V, the ILIM comparator trips,
terminating the present power cycle, and at the same time
activating the fault logic to turn on the 500
µA current
source IRST. This current charges the reset capacitor CRST.
For proper design, RRST should be very large (in the order
of 100k
Ω). This will cause nearly all of the IRST current
(approximately 500
µA) to go into charging CRST at a rate of:
dv
dt
A
CRST
=
µ
500
(11)
in volts per second. IRST will be turned off at the beginning
of the next clock cycle. If the current limit condition is
removed, RST will be gradually discharged to ground,
and normal operation resumes as shown in Figure 6.
Figure 5. Over-Current, Soft-Start, and Integrating Fault Detect Circuits.
Figure 6. ILIM and Resulting RCRST
Waveforms During Load Surge.
1V
2.5V
V(PIN 20)
V(PIN 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com