Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4841 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4841
Description  Variable Feedforward PFC/PWM Controller Combo
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4841 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4841 Datasheet HTML 4Page - Micro Linear Corporation ML4841 Datasheet HTML 5Page - Micro Linear Corporation ML4841 Datasheet HTML 6Page - Micro Linear Corporation ML4841 Datasheet HTML 7Page - Micro Linear Corporation ML4841 Datasheet HTML 8Page - Micro Linear Corporation ML4841 Datasheet HTML 9Page - Micro Linear Corporation ML4841 Datasheet HTML 10Page - Micro Linear Corporation ML4841 Datasheet HTML 11Page - Micro Linear Corporation ML4841 Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ML4841
8
FUNCTIONAL DESCRIPTION (Continued)
Figure 2. Compensation Network Connections for the
Voltage and Current Error Amplifiers
3) The output of the voltage error amplifier, VEAO. The
gain modulator responds linearly to variations in this
voltage.
The output of the gain modulator is a current signal, in the
form of a full wave rectified sinusoid at twice the line
frequency. This current is applied to the virtual-ground
(negative) input of the current error amplifier. In this way
the gain modulator forms the reference for the current
error loop, and ultimately controls the instantaneous
current draw of the PFC from the power line. The general
form for the output of the gain modulator is:
I
I
VEAO
V
V
GAINMOD
AC
RMS
≅
×
×
2
1
More exactly, the output current of the gain modulator is
given by:
I
K
VEAO
V
I
GAINMOD
AC
≅×
−
×
(.
)
15
(1)
where K is in units of V-1.
Note that the output current of the gain modulator is
limited to
≅ 200µA.
Current Error Amplifier
The current error amplifier’s output controls the PFC duty
cycle to keep the current through the boost inductor a
linear function of the line voltage. At the inverting input to
the current error amplifier, the output current of the gain
modulator is summed with a current which results from a
negative voltage being impressed upon the ISENSE pin
(current into ISENSE ≅ VSENSE/3.5kΩ). The negative voltage
on ISENSE represents the sum of all currents flowing in the
PFC circuit, and is typically derived from a current sense
resistor in series with the negative terminal of the input
bridge rectifier. In higher power applications, two current
transformers are sometimes used, one to monitor the ID of
the boost MOSFET(s) and one to monitor the IF of the
boost diode. As stated above, the inverting input of the
current error amplifier is a virtual ground. Given this fact,
and the arrangement of the duty cycle modulator polarities
internal to the PFC, an increase in positive current from
the gain modulator will cause the output stage to increase
its duty cycle until the voltage on ISENSE is adequately
negative to cancel this increased current. Similarly, if the
gain modulator’s output decreases, the output duty cycle
will decrease, to achieve a less negative voltage on the
ISENSE pin.
There is a modest degree of gain contouring applied to the
transfer characteristic of the current error amplifier, to
increase its speed of response to current-loop
perturbations. However, the boost inductor will usually be
the dominant factor in overall current loop response.
Therefore, this contouring is significantly less marked than
that of the voltage error amplifier. This is illustrated in the
Typical Performance Characteristics.
15
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
2.5V
-
+
16
2
4
3
VEA
-
+
IEA
+
-
VREF
1
PFC
OUTPUT
GAIN
MODULATOR
Cycle-By-Cycle Current Limiter
The ISENSE pin, as well as being a part of the current
feedback loop, is a direct input to the cycle-by-cycle
current limiter for the PFC section. Should the input
voltage at this pin ever be more negative than -1V, the
output of the PFC will be disabled until the protection
flip-flop is reset by the clock pulse at the start of the next
PFC power cycle.
Overvoltage Protection
The OVP comparator serves to protect the power circuit
from being subjected to excessive voltages if the load
should suddenly change. A resistor divider from the high
voltage DC output of the PFC is fed to VFB. When the
voltage on VFB exceeds 2.7V, the PFC output driver is shut
down. The PWM section will continue to operate. The
OVP comparator has 125mV of hysteresis, and the PFC
will not restart until the voltage at VFB drops below 2.58V.
The VFB should be set at a level where the active and
passive external power components and the ML4841 are
within their safe operating voltages, but not so low as to
interfere with the boost voltage regulation loop.
Error Amplifier Compensation
The PWM loading of the PFC can be modeled as a
negative resistor; an increase in input voltage to the PWM
causes a decrease in the input current. This response
dictates the proper compensation of the two
transconductance error amplifiers. Figure 2 shows the
types of compensation networks most commonly used for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com