Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4841CS Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML4841CS
Description  Variable Feedforward PFC/PWM Controller Combo
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4841CS Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML4841CS Datasheet HTML 6Page - Micro Linear Corporation ML4841CS Datasheet HTML 7Page - Micro Linear Corporation ML4841CS Datasheet HTML 8Page - Micro Linear Corporation ML4841CS Datasheet HTML 9Page - Micro Linear Corporation ML4841CS Datasheet HTML 10Page - Micro Linear Corporation ML4841CS Datasheet HTML 11Page - Micro Linear Corporation ML4841CS Datasheet HTML 12Page - Micro Linear Corporation ML4841CS Datasheet HTML 13Page - Micro Linear Corporation ML4841CS Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ML4841
10
FUNCTIONAL DESCRIPTION (Continued)
Figure 3. External Component Connections to VCC
At VCC = 13.5V and assuming Ramp Peak = 5V to allow
for component tolerances:
tR
C
CHARGE
T
T
=×
×
0 463
.
(9)
The capacitor value should remain small to keep the
discharge energy and the resulting discharge current
through the part small. A good value to use is the same
value used in the PWM timing circuit (CT).
For the application circuit shown in the data sheet, using a
200kHz PWM and 390pF timing cap yields RT:
Rk
T =
×
×
=
−
−
110
0 463 390 10
56 2
5
12
( .
)(
)
.
Ω
(10)
PWM SECTION
Pulse Width Modulator
The PWM section of the ML4841 is straightforward, but
there are several points which should be noted. Foremost
among these is its inherent synchronization to the PFC
section of the device, to which it also provides its basic
timing. The PWM operates in current-mode. In
applications utilizing current mode control, the PWM
ramp (RAMP 2) is usually derived directly from a current
sensing resistor or current transformer in the primary of
the output stage, and is thereby representative of the
current flowing in the converter’s output stage. The DC
ILIMIT comparator provides cycle-by-cycle current limiting
and is connected to RAMP 2 internally. If the current sense
signal exceeds the 1V threshold, the PWM switch is
disabled until the protection flip-flop is rest by the clock
pulse at the start of the next PWM power cycle.
PWM Current Limit
The DC ILIMIT comparator is a cycle-by-cycle current
limiter for the PWM section. Should the input voltage at
this pin ever exceed 1V, the output of the PWM will be
disabled until the output flip-flop is reset by the clock
pulse at the start of the next PWM power cycle.
VIN OK Comparator
The VIN OK comparator monitors the DC output of the
PFC and inhibits the PWM if this voltage on VFB is less
than its nominal 2.5V. Once this voltage reaches 2.5V,
which corresponds to the PFC output capacitor being
charged to its rated boost voltage, the soft-start
commences.
PWM Control (RAMP 2)
The PWM section utilizes current mode control. RAMP 2
is generally used as the sampling point for a voltage
representing the current in the primary of the PWM’s
output transformer, derived either by a current sensing
resistor or a current transformer.
Soft Start
Start-up of the PWM is controlled by the selection of the
external capacitor at SS. A current source of 50
µA supplies
the charging current for the capacitor, and start-up of the
PWM begins at 1.25V. Start-up delay can be programmed
by the following equation:
Ct
A
V
SS
DELAY
=× 50
125
µ
.
(11)
where CSS is the required soft start capacitance, and
tDELAY is the desired start-up delay.
It is important that the time constant of the PWM soft-start
allows the PFC time to generate sufficient output power
for the PWM section. The PWM start-up delay should be
at least 5ms.
Solving for the minimum value of CSS:
Cms
A
V
nF
SS =×
=
5
50
125
200
µ
.
ML4841
VCC
GND
VBIAS
10nF
ceramic
1µF
ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com