Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4841IS Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML4841IS
Description  Variable Feedforward PFC/PWM Controller Combo
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4841IS Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML4841IS Datasheet HTML 7Page - Micro Linear Corporation ML4841IS Datasheet HTML 8Page - Micro Linear Corporation ML4841IS Datasheet HTML 9Page - Micro Linear Corporation ML4841IS Datasheet HTML 10Page - Micro Linear Corporation ML4841IS Datasheet HTML 11Page - Micro Linear Corporation ML4841IS Datasheet HTML 12Page - Micro Linear Corporation ML4841IS Datasheet HTML 13Page - Micro Linear Corporation ML4841IS Datasheet HTML 14Page - Micro Linear Corporation ML4841IS Datasheet HTML 15Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ML4841
13
AC INPUT
85 TO 265VAC
C1
680nF
ML4841
F1
3.15A
R5
300m
Ω
1W
56.2k
Ω
BR1
4A, 600V
D12
1A, 50V
D13
1A, 50V
R2A
453k
Ω
R2B
453k
Ω
R3
75k
Ω
R4
13k
Ω
R1A
499k
Ω
R1B
499k
Ω
R12
27k
Ω
C6
1nF
C7
220pF
R11
750k
Ω
C19
1µF
C2
470nF
R27
22k
Ω
C18
390pF
R6
24.9k
Ω
R10
6.2k
Ω
C11
10nF
390pF
C3
100nF
C30
330µF
R21
22
Ω
C4
10nF
D1
8A, 600V
C5
100µF
R14
33
Ω
D10
1A, 20V
D8
1A, 20V
R7A
178k
Ω
R7B
178k
Ω
C12
10µF
D3
50V
Q1
IRF840
Q2
IRF830
C13
100nF
C14
1µF
IEAO
IAC
ISENSE
VRMS
SS
VDC
RAMP 1
RAMP 2
VEAO
VFB
VREF
VCC
PFC OUT
PWM OUT
GND
DC ILIMIT
Q3
IRF830
R15
3
Ω
C20
1µF
R28
160
Ω
12VDC
L1
3.1mH
L2
33µH
C21
1800µF
C24
1µF
RTN
D11
MBR2545CT
D5
600V
D6
600V
C25
100nF
R17
33
Ω
R30
4.7k
Ω
D7
15V
R22
8.66k
Ω
R25
2.26k
Ω
R20
1.1
Ω
C15
10nF
C16
1µF
C31
1nF
R8
2.37k
Ω
C8
82nF
C9
8.2nF
C17
220pF
R19
220
Ω
R23
1.5k
Ω
R24
1.2k
Ω
C22
4.7µF
TL431
R26
10k
Ω
C23
100nF
R18
220
Ω
T2
T1
Figure 6. 100W Power Factor Corrected Power Supply.
TYPICAL APPLICATIONS
Figure 6 is the application circuit for a complete 100W
power factor corrected power supply, designed using the
general methods and topology suggested in Application
Note 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com